Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VS-ST110S08P0VPBF Datasheet(PDF) 6 Page - Vishay Siliconix

Part # VS-ST110S08P0VPBF
Description  Phase Control Thyristors (Stud Version), 110 A
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-ST110S08P0VPBF Datasheet(HTML) 6 Page - Vishay Siliconix

  VS-ST110S08P0VPBF Datasheet HTML 1Page - Vishay Siliconix VS-ST110S08P0VPBF Datasheet HTML 2Page - Vishay Siliconix VS-ST110S08P0VPBF Datasheet HTML 3Page - Vishay Siliconix VS-ST110S08P0VPBF Datasheet HTML 4Page - Vishay Siliconix VS-ST110S08P0VPBF Datasheet HTML 5Page - Vishay Siliconix VS-ST110S08P0VPBF Datasheet HTML 6Page - Vishay Siliconix VS-ST110S08P0VPBF Datasheet HTML 7Page - Vishay Siliconix VS-ST110S08P0VPBF Datasheet HTML 8Page - Vishay Siliconix VS-ST110S08P0VPBF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
VS-ST110SPbF Series
www.vishay.com
Vishay Semiconductors
Revision: 27-Sep-17
6
Document Number: 94393
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 9 - Gate Characteristics
ORDERING INFORMATION TABLE
LINKS TO RELATED DOCUMENTS
Dimensions
www.vishay.com/doc?95078
0.1
1
10
100
0.001
0.01
0.1
1
10
100
VGD
IGD
(b)
(a)
(1)
(2)
(3)
Instantaneous Gate Current (A)
a) Recommended load line for
b) Recommended load line for
<=30% rated di/dt : 10V, 10ohms
Frequency Limited by PG(AV)
rated di/dt : 20V, 10ohms; tr<=1 µs
tr<=1 µs
(1) PGM = 10W, tp = 4ms
(2) PGM = 20W, tp = 2ms
(3) PGM = 40W, tp = 1ms
(4) PGM = 60W, tp = 0.66ms
Device: ST110S Series
Rectangular gate pulse
(4)
-
Thyristor
2
-Essential part marking
3
-
0 = converter grade
4
11
10
-
S = compression bonding stud
8
-
V = glass-metal seal (only up to 1200 V)
5
-
Voltage code x 100 = VRRM (see Voltage Ratings table)
6
-
P = stud base 20UNF threads
7
-
0 = eyelet terminals (gate and auxiliary cathode leads)
1 = fast-on terminals (gate and auxiliary cathode leads)
2 = flag terminals (for cathode and gate terminals)
9
-
Critical dV/dt:
None = ceramic housing (over 1200 V)
None = 500 V/μs (standard value)
L = 1000 V/μs (special selection)
Device code
5
1
3
2
4
6
7
8
9
10
11
ST
VS-
11
0
S
16
P
0
V
L
PbF
1
-Vishay Semiconductors product
-
None = standard production
-
PbF = lead (Pb)-free



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com