Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NVMJS1D4N06CL Datasheet(PDF) 3 Page - ON Semiconductor

Part # NVMJS1D4N06CL
Description  MOSFET ??Power, Single N-Channel 60 V, 1.3 m, 262 A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVMJS1D4N06CL Datasheet(HTML) 3 Page - ON Semiconductor

  NVMJS1D4N06CL Datasheet HTML 1Page - ON Semiconductor NVMJS1D4N06CL Datasheet HTML 2Page - ON Semiconductor NVMJS1D4N06CL Datasheet HTML 3Page - ON Semiconductor NVMJS1D4N06CL Datasheet HTML 4Page - ON Semiconductor NVMJS1D4N06CL Datasheet HTML 5Page - ON Semiconductor NVMJS1D4N06CL Datasheet HTML 6Page - ON Semiconductor NVMJS1D4N06CL Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
NVMJS1D4N06CL
www.onsemi.com
3
TYPICAL CHARACTERISTICS
3.2 V
2.6 V
2.8 V
Figure 1. On−Region Characteristics
Figure 2. Transfer Characteristics
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
VGS, GATE−TO−SOURCE VOLTAGE (V)
3.0
1.0
0.0
0
20
40
60
100
120
Figure 3. On−Resistance vs. Gate−to−Source
Voltage
Figure 4. On−Resistance vs. Drain Current and
Gate Voltage
VGS, GATE−TO−SOURCE VOLTAGE (V)
ID, DRAIN CURRENT (A)
9.0
8.0
7.0
6.0
5.0
4.0
3.0
0
4
8
18
140
180
100
60
20
0.8
1.2
2.0
3.0
Figure 5. On−Resistance Variation with
Temperature
Figure 6. Drain−to−Source Leakage Current
vs. Voltage
TJ, JUNCTION TEMPERATURE (°C)
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
150
125
100
75
25
0
−25
−50
0.7
0.9
1.1
1.3
1.5
1.7
2.1
60
55
45
25
5
1
10K
2.4 V
VGS = 10 V to 3.6 V
TJ = 125°C
TJ = 25°C
TJ = −55°C
TJ = 25°C
ID = 50 A
VGS = 10 V
ID = 50 A
50
175
TJ = 125°C
TJ = 25°C
160
180
2.0
12
2
6
10
20
16
100
1M
15
35
TJ = 150°C
1.6
200
VDS = 10 V
80
140
2.0
14
220
260
280
320
340
360
240
300
5.0
4.0
3.5
1.5
0.5
2.5
4.5
3.0
1.0
0.0
20
40
60
100
120
160
180
2.0
200
80
140
220
260
280
320
340
360
240
300
5.0
4.0
3.5
1.5
0.5
2.5
4.5
10
260
300
220
2.4
2.8
1.0
1.8
1.4
2.2
2.6
VGS = 10 V
TJ = 25°C
VGS = 4.5 V
1.9
1000
10
100K
TJ = 85°C
TJ = 175°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com