Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NVMJS1D6N06CL Datasheet(PDF) 5 Page - ON Semiconductor

Part # NVMJS1D6N06CL
Description  MOSFET ??Power, Single N-Channel 60 V, 1.36 m, 250 A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVMJS1D6N06CL Datasheet(HTML) 5 Page - ON Semiconductor

  NVMJS1D6N06CL Datasheet HTML 1Page - ON Semiconductor NVMJS1D6N06CL Datasheet HTML 2Page - ON Semiconductor NVMJS1D6N06CL Datasheet HTML 3Page - ON Semiconductor NVMJS1D6N06CL Datasheet HTML 4Page - ON Semiconductor NVMJS1D6N06CL Datasheet HTML 5Page - ON Semiconductor NVMJS1D6N06CL Datasheet HTML 6Page - ON Semiconductor NVMJS1D6N06CL Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
NVMJS1D6N06CL
www.onsemi.com
5
TYPICAL CHARACTERISTICS
Figure 13. Thermal Characteristics
PULSE TIME (sec)
0.01
0.001
1
0.0001
0.1
0.00001
10
0.000001
0.001
0.1
1
10
100
100
1000
Single Pulse
50% Duty Cycle
20%
10%
5%
2%
1%
NVMJS1D6N06CL 650 mm2, 2 oz., Cu Single Layer Pad
0.01
DEVICE ORDERING INFORMATION
Device
Marking
Package
Shipping†
NVMJS1D6N06CLTWG
1D6N06CL
LFPAK8
(Pb−Free)
3000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com