Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NVMJS2D5N06CL Datasheet(PDF) 1 Page - ON Semiconductor

Part # NVMJS2D5N06CL
Description  MOSFET ??Power, Single N-Channel 60 V, 2.4 m, 164 A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVMJS2D5N06CL Datasheet(HTML) 1 Page - ON Semiconductor

  NVMJS2D5N06CL Datasheet HTML 1Page - ON Semiconductor NVMJS2D5N06CL Datasheet HTML 2Page - ON Semiconductor NVMJS2D5N06CL Datasheet HTML 3Page - ON Semiconductor NVMJS2D5N06CL Datasheet HTML 4Page - ON Semiconductor NVMJS2D5N06CL Datasheet HTML 5Page - ON Semiconductor NVMJS2D5N06CL Datasheet HTML 6Page - ON Semiconductor NVMJS2D5N06CL Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2018
June, 2021 − Rev. 1
1
Publication Order Number:
NVMJS2D5N06CL/D
MOSFET – Power, Single
N-Channel
60 V, 2.4 mW, 164 A
NVMJS2D5N06CL
Features
• Small Footprint (5x6 mm) for Compact Design
• Low RDS(on) to Minimize Conduction Losses
• Low QG and Capacitance to Minimize Driver Losses
• LFPAK8 Package, Industry Standard
• AEC−Q101 Qualified and PPAP Capable
• These Devices are Pb−Free and are RoHS Compliant
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
60
V
Gate−to−Source Voltage
VGS
±20
V
Continuous Drain
Current RqJC
(Notes 1, 3)
Steady
State
TC = 25°C
ID
164
A
TC = 100°C
116
Power Dissipation
RqJC (Note 1)
TC = 25°C
PD
113
W
TC = 100°C
56
Continuous Drain
Current RqJA
(Notes 1, 2, 3)
Steady
State
TA = 25°C
ID
31
A
TA = 100°C
22
Power Dissipation
RqJA (Notes 1 & 2)
TA = 25°C
PD
3.9
W
TA = 100°C
2.0
Pulsed Drain Current
TA = 25°C, tp = 10 ms
IDM
900
A
Operating Junction and Storage Temperature
TJ, Tstg
−55 to
+ 175
°C
Source Current (Body Diode)
IS
94
A
Single Pulse Drain−to−Source Avalanche
Energy (IL(pk) = 9 A)
EAS
565
mJ
Lead Temperature for Soldering Purposes
(1/8″ from case for 10 s)
TL
260
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
THERMAL RESISTANCE MAXIMUM RATINGS
Parameter
Symbol
Value
Unit
Junction−to−Case − Steady State
RqJC
1.3
°C/W
Junction−to−Ambient − Steady State (Note 2)
RqJA
38
1. The entire application environment impacts the thermal resistance values shown,
they are not constants and are only valid for the particular conditions noted.
2. Surface−mounted on FR4 board using a 650 mm2, 2 oz. Cu pad.
3. Maximum current for pulses as long as 1 second is higher but is dependent
on pulse duration and duty cycle.
MARKING
DIAGRAM
www.onsemi.com
G (4)
S (1,2,3)
N−CHANNEL MOSFET
D (5,8)
LFPAK8
CASE 760AA
See detailed ordering, marking and shipping information on
page 5 of this data sheet.
ORDERING INFORMATION
V(BR)DSS
RDS(ON) MAX
ID MAX
60 V
2.4 mW @ 10 V
164 A
3.3 mW @ 4.5 V
2D5N06CL = Specific Device Code
A
= Assembly Location
WL
= Wafer Lot
Y
= Year
W
= Work Week
2D5N06
CL
AWLYW
G
S
DD D D
SS
1


Similar Part No. - NVMJS2D5N06CL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMJS0D8N04CL ONSEMI-NVMJS0D8N04CL Datasheet
373Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 0.72 m, 368 A
October, 2019?뭃ev. 0
NVMJS0D8N04CLTWG ONSEMI-NVMJS0D8N04CLTWG Datasheet
373Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 0.72 m, 368 A
October, 2019?뭃ev. 0
NVMJS0D9N04C ONSEMI-NVMJS0D9N04C Datasheet
372Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 0.81 m, 342 A
November, 2019-Rev. 1
NVMJS0D9N04CL ONSEMI-NVMJS0D9N04CL Datasheet
362Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 0.82 m, 330 A
July, 2019 ??Rev. 0
NVMJS0D9N04CLTWG ONSEMI-NVMJS0D9N04CLTWG Datasheet
362Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 0.82 m, 330 A
July, 2019 ??Rev. 0
More results

Similar Description - NVMJS2D5N06CL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMJS2D5N06CL ONSEMI-NTMJS2D5N06CL Datasheet
352Kb / 7P
Power MOSFET 60 V, 2.4 m, 164 A, Single N?묬hannel
March, 2019?뭃ev. 0
NTTFS002N04C ONSEMI-NTTFS002N04C Datasheet
280Kb / 7P
MOSFET ??Power, Single, N-Channel 40 V, 2.4 m, 136 A
June, 2019 ??Rev. 0
NVLJWS022N06CL ONSEMI-NVLJWS022N06CL Datasheet
160Kb / 7P
MOSFET - Power, Single N-Channel 60 V, 21 m, 25 A
April, 2022 ??Rev. 1
NVMTS001N06CL ONSEMI-NVMTS001N06CL Datasheet
401Kb / 7P
MOSFET ??Power, Single N-Channel 60 V, 0.81 m, 398.2 A
May, 2021 ??Rev. 2
NVMYS4D6N06C ONSEMI-NVMYS4D6N06C Datasheet
211Kb / 6P
MOSFET - Power, Single N-Channel 60 V, 4.7 m, 92 A
October, 2021 ??Rev. 0
FDBL86566-F085 ONSEMI-FDBL86566-F085 Datasheet
505Kb / 7P
N-Channel PowerTrench짰 MOSFET 60 V, 240 A, 2.4 m廓
August-2017, Rev. 2
NVMYS7D0N06C ONSEMI-NVMYS7D0N06C Datasheet
214Kb / 6P
MOSFET - Power, Single N-Channel 60 V, 7.0 m, 66 A
October, 2021 - Rev. 0
NVMYS016N06C ONSEMI-NVMYS016N06C Datasheet
208Kb / 6P
MOSFET - Power, Single N-Channel 60 V, 16 m, 33 A
October, 2021 - Rev. 0
NVMYS025N06CL ONSEMI-NVMYS025N06CL Datasheet
339Kb / 7P
MOSFET – Power, Single N-Channel 60 V, 27.5 m, 21 A
July, 2019 - Rev. 0
NVTFS002N04C ONSEMI-NVTFS002N04C Datasheet
280Kb / 7P
MOSFET – Power, Single N-Channel 40 V, 2.4 m, 136 A
July, 2019 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com