Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE94106ESXUMA1 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # TLE94106ESXUMA1
Description  TLE94xyz DC motor driver family Integrated multi half-bridge driver ICs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE94106ESXUMA1 Datasheet(HTML) 2 Page - Infineon Technologies AG

  TLE94106ESXUMA1 Datasheet HTML 1Page - Infineon Technologies AG TLE94106ESXUMA1 Datasheet HTML 2Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Type
Description
OUT1/2 configurable
Package
OPN
TLE94112ES
12-fold integrated half-bridge driver IC with SPI
Yes
PG-TSDSO-24
TLE94112ESXUMA1
TLE94110ES
10-fold integrated half-bridge driver IC with SPI
Yes
PG-TSDSO-24
TLE94110ESXUMA1
TLE94108ES
8-fold integrated half-bridge driver IC with SPI
Yes
PG-TSDSO-24
TLE94108ESXUMA1
TLE94106ES
6-fold integrated half-bridge driver IC with SPI
Yes
PG-TSDSO-24
TLE94106ESXUMA1
TLE94004EP
4-fold integrated half-bridge driver IC with DI
No
PG-TSDSO-14
TLE94004EPXUMA1
TLE94104EP
4-fold integrated half-bridge driver IC with SPI
No
PG-TSDSO-14
TLE94104EPXUMA1
TLE94003EP
3-fold integrated half-bridge driver IC with DI
No
PG-TSDSO-14
TLE94003EPXUMA1
TLE94103EP
3-fold integrated half-bridge driver IC with SPI
No
PG-TSDSO-14
TLE94103EPXUMA1
Product Table
Published by
Infineon Technologies AG
81726 Munich, Germany
© 2021 Infineon Technologies AG.
All Rights Reserved.
Date: 03
 
/
 
2020
Please note!
This Document is for information purposes only and any
information given herein shall in no event be regarded as a
warranty, guarantee or description of any functionality,
conditions and/or quality of our products or any suitability for a
particular purpose. With regard to the technical specifications of
our products, we kindly ask you to refer to the relevant product
data sheets provided by us. Our customers and their technical
departments are required to evaluate the suitability of our
products for the intended application.
We reserve the right to change this document and/or the
information given herein at any time.
Additional information
For further information on technologies, our products, the
application of our products, delivery terms and conditions and/or
prices, please contact your nearest Infineon Technologies office
(www.infineon.com).
Warnings
Due to technical requirements, our products may contain
dangerous substances. For information on the types in question,
please contact your nearest Infineon Technologies office.
Except as otherwise explicitly approved by us in a written
document signed by authorized representatives of Infineon
Technologies, our products may not be used in any life-
endangering applications, including but not limited to medical,
nuclear, military, life-critical or any other applications where a
failure of the product or any consequences of the use thereof can
result in personal injury.
Application Diagram
TLE94xyz DC motor driver family
Integrated multi half-bridge driver ICs
Example: The TLE94112ES, 12-fold half-bridge, is designed to
either drive 6 DC motors up to 0.9A in parallel mode or 11 DC
motors up to 0.9A in cascaded mode or up to 3 DC motors up
to 1.8A by paralleling two outputs each. The device is sold in a
TSDSO-24 package and is pin and function compatible with
the 6-, 8-, and 10-fold half-bridge of the TLE94xyz family.
Product brief
The driver is connected via a 16-bit SPI to the microcontroller. The
enhanced SPI protocol allows independent control and diagnosis of
each half-bridge. All outputs can be programmed for PWM and the
user can select between active and passive freewheeling for each
output. The device can be operated in daisy chain mode.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com