Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OPF390D Datasheet(PDF) 1 Page - OPTEK Technologies

Part # OPF390D
Description  Fiber Optic GaA lAs High Speed LED
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPF390D Datasheet(HTML) 1 Page - OPTEK Technologies

  OPF390D Datasheet HTML 1Page - OPTEK Technologies OPF390D Datasheet HTML 2Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
•Electrically isolated plastic cap
package
•High radiant output for fiber optic
applications
•High speed
•Designed to self align in the 0.228
inch diameter bore of standard fiber
optic receptacles. Press fit simplifies
component installation.
Description
The OPF390 series LED provides fiber
optic users with high coupled power and
wide bandwidth in a low cost package.
The LED’s are designed to interface with
multimode optical fibers from 50/125 to
200/300 microns.
Absolute Maximum Ratings (TA = 25
o C unless otherwise noted)
Reverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.0 V
Continuous Forward Current. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100 mA
(4)
Storage Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55
o C to +115o C
Operating Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40
o C to +100o C
Lead Soldering Temperature [1/16 inch (1.6 mm) from case for 5 sec. with soldering
iron] . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 240
o C(1)
Notes:
(1) RMA flux is recommended. Duration can be extended to 10 sec. max when flow soldering.
(2) Graded index fiber, 50
µm core, N.A. = 0.20.
(3) To convert radiant power output to dBm, use the following expression: dBm = 10 log
(
µW/1000).
(4) Derate linearly @ 1.0 mA/
o C above 25o C.
(5) Prebias @ 5 mA current.
LED Burn-in
All LED's are subject to 100% burn-in testing. Test conditions are 96 hours at 100 mA
continuous current in 25
o C ambient.
Product Bulletin OPF390A
August 1996
Fiber Optic GaAlAs High Speed LED
Types OPF390A, OPF390B, OPF390C, OPF390D
TYPICAL COUPLED POWER into OPTICAL FIBER
Typical Coupled Power
IF = 100 mA @ 25
o
C
Fiber
Refractive
Index
N.A.
OPF390D
OPF390C
OPF390B
OPF390A
50/125
µm
Graded
0.20
7.5
µW
12.5
µW
18
µW
25
µW
62.5/125
µm
Graded
0.28
27 mW
35
µW
45
µW
75
µW
100/140
µm
Graded
0.29
58
µW
85
µW
115
µW
170
µW
200/300
µm*
Step
0.41
290
µW
450
µW
545
µW
650
µW
*PCS - Plastic Clad Silica
Optek Technology, Inc.
1215 W. Crosby Road
Carrollton, Texas 75006
(972) 323-2200
Fax (972) 323-239
8-56


Similar Part No. - OPF390D

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OPF390 TTELEC-OPF390 Datasheet
804Kb / 4P
Fiber Optic Transmitter
OPF390A TTELEC-OPF390A Datasheet
804Kb / 4P
Fiber Optic Transmitter
logo
OPTEK Technologies
OPF390A OPTEK-OPF390A_14 Datasheet
247Kb / 3P
Fiber Optic Transmitter
logo
TT Electronics.
OPF390C TTELEC-OPF390C Datasheet
804Kb / 4P
Fiber Optic Transmitter
More results

Similar Description - OPF390D

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML6633 MICRO-LINEAR-ML6633 Datasheet
93Kb / 5P
High Speed Fiber Optic LED Driver
logo
OPTEK Technologies
OPF372A OPTEK-OPF372A Datasheet
3Mb / 2P
Fi ber Op tic GaA lAs LED
August 1996
OPF340 OPTEK-OPF340 Datasheet
3Mb / 2P
Fi ber Op tic GaA lAs High Speed LED
Aug-1996
OPF346 OPTEK-OPF346 Datasheet
3Mb / 2P
Fi ber Op tic GaA lAs High Speed LED
August 1996
OPF371 OPTEK-OPF371 Datasheet
3Mb / 2P
Fiber Optic GaA lAs LED
1/16
OPF396 OPTEK-OPF396 Datasheet
3Mb / 2P
Fi ber Op tic GaA lAs High Speed LED
Aug-1996
OPF370A OPTEK-OPF370A Datasheet
3Mb / 2P
Fi ber Op tic GaA lAs LED
OPF345A OPTEK-OPF345A Datasheet
3Mb / 2P
Fiber Optic GaA lAs High Speed LED
Aug-1996
OPF395A OPTEK-OPF395A Datasheet
3Mb / 2P
Fiber Optic GaA lAs High Speed LED
Aug-1996
OPF391A OPTEK-OPF391A Datasheet
3Mb / 2P
GaA lAs High Speed LED
August 1996
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com