Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACE12410B Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE12410B
Description  N-Channel Enhancement Mode Field Effect Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE12410B Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE12410B Datasheet HTML 1Page - ACE Technology Co., LTD. ACE12410B Datasheet HTML 2Page - ACE Technology Co., LTD. ACE12410B Datasheet HTML 3Page - ACE Technology Co., LTD. ACE12410B Datasheet HTML 4Page - ACE Technology Co., LTD. ACE12410B Datasheet HTML 5Page - ACE Technology Co., LTD. ACE12410B Datasheet HTML 6Page - ACE Technology Co., LTD. ACE12410B Datasheet HTML 7Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ACE12410B
N-Channel Enhancement Mode Field Effect Transistor
VER 1.2
3
Electrical Characteristics TA=25 OC unless otherwise noted
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
V(BR)DSS
VGS=0V, ID=250uA
20
V
Zero Gate Voltage Drain Current
IDSS
VDS=20V, VGS=0V
1
µA
Gate Threshold Voltage
VGS(th)
VDS=VGS, IDS=250uA
0.4
0.7
1
V
Gate Leakage Current
IGSS
VGS=±10V, VDS=0V
±10
µA
Static Drain-Source On-Resistance
RDS(ON)
VGS=4.5V, ID=8A
10.5
14
m
Ω
VGS=2.5V, ID=4A
14
18
Diode Forward Voltage
VSD
ISD=1A, VGS=0V
0.75
1
V
Diode Forward Current*AB
IS
TA =25°C
3.7
A
Switching
Total Gate Charge
Qg
VDS=10V, ID=8A
VGS=4.5V
7
nC
Gate-Source Charge
Qgs
1
Gate-Drain Charge
Qgd
2.4
Turn-On Delay Time
Td(on)
VGS=4.5V, VDS=10V
RL=1.25
Ω, R
GEN=3
Ω
3
ns
Turn-On Rise Time
tf
4.5
Turn-Off Delay Time
td(off)
28
Turn-Off Fall Time
tf
6
Dynamic
Input Capacitance
Ciss
VDS=10V, VGS=0V
f=1.0MHz
790
pF
Output Capacitance
Coss
164
Reverse Transfer Capacitance
Crss
103
A: The value of R
θJA
is measured with the device mounted on 1in2 FR-4 board with 2oz. Copper, in a still air
environment with T
A
=25°C. The value in any given application depends on the user's specific board design.
B
: The current rating is based on the t≤ 10s junction to ambient thermal resistance rating, package limited 8A.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com