Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACE45677DFM+H Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE45677DFM+H
Description  Standalone 1A Linear Lithium Battery Charger With Thermal Regulation
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE45677DFM+H Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE45677DFM+H Datasheet HTML 1Page - ACE Technology Co., LTD. ACE45677DFM+H Datasheet HTML 2Page - ACE Technology Co., LTD. ACE45677DFM+H Datasheet HTML 3Page - ACE Technology Co., LTD. ACE45677DFM+H Datasheet HTML 4Page - ACE Technology Co., LTD. ACE45677DFM+H Datasheet HTML 5Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ACE45677D
Standalone 1A Linear Lithium Battery Charger With Thermal Regulation
VER 1.1
2
Absolute Maximum Ratings (1)
Parameter
SYMBOL
Max
Unit
Input Supply Voltage(2)
V
CC
-0.3~10
V
TEMP, CE, PROG Pins Voltage(2)
-0.3~VCC+0.3
BAT Pin Voltage(2)
-0.3~8
CHRG
DONE Pins Voltage(2)
-0.3~10
BAT Short-Circuit Duration
Continuous
BAT Pin Output Current (Continuous)
I
BAT
1200
mA
Output sink current
I CHRG ,I DONE
10
mA
Power dissipation
PD
1200
mW
Operating Ambient Temperature Range (3)
TA
-40~85
°C
Junction Temperature
TJ
-40~150
°C
Storage Temperature
Tstg
-40~125
°C
Lead Temperature (Soldering, 10s)
Tsolder
260
°C
ESD rating (4)
HBM
2000
V
MM
200
V
1.
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device.
These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those indicated under recommended operating conditions is not implied. Exposure to absolute-maximum-rated
conditions for extended periods my affect device reliability.
2.
All voltages are with respect to network ground terminal.
3.
The ACE45677D are guaranteed to meet performance specifications from 0°C to 70°C. Specifications over
the
–40°C to 85°C operating temperature range are assured by design, characterization and correlation with
statistical process controls.
4.
The human body model is a 100
pF capacitor discharged through a 1.5kΩ resistor into each pin. The machine
model is a 200pF capacitor discharged directly into each pin.
Recommended Operating Conditions
Parameter
Symbol
Min
Max
Units
Input voltage range (5)
VCC
4.5
6.5
V
BAT Pin Output Current (Continuous)
IBAT
1000(6)
mA
Fast-charge current programming resistor (7)
RPROG
1
10
k
Ω
5.
If VCC is between UVLO and 4.5V, and above the battery voltage, then the IC is active (can deliver some
charge to the battery), but the IC will have limited or degraded performance (some functions may not meet
data sheet specifications). The battery may be undercharged (VFLOAT less than in the specification), but will
not be overcharged (VFLOAT will not exceed specification).
6.
The thermal regulation feature r
educes charge current if the IC’s junction temperature reaches 125°C; thus,
without a good thermal design the maximum programmed charge current may not be reached.
7.
Use a 1% tolerance metal film resistor for RPROG to avoid issues with the RPROG short test when using the
maximum charge current setting.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com