Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADM3055EBRIZ Datasheet(PDF) 19 Page - Analog Devices

Part # ADM3055EBRIZ
Description  5 kV rms/3 kV rms, Signal and Power Isolated, CAN Transceivers for CAN FD
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3055EBRIZ Datasheet(HTML) 19 Page - Analog Devices

Back Button ADM3055EBRIZ Datasheet HTML 15Page - Analog Devices ADM3055EBRIZ Datasheet HTML 16Page - Analog Devices ADM3055EBRIZ Datasheet HTML 17Page - Analog Devices ADM3055EBRIZ Datasheet HTML 18Page - Analog Devices ADM3055EBRIZ Datasheet HTML 19Page - Analog Devices ADM3055EBRIZ Datasheet HTML 20Page - Analog Devices ADM3055EBRIZ Datasheet HTML 21Page - Analog Devices ADM3055EBRIZ Datasheet HTML 22Page - Analog Devices ADM3055EBRIZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Data Sheet
ADM3055E/ADM3057E
Rev. B | Page 19 of 24
TERMINOLOGY
ICC
ICC is the current drawn by the VCC pin. This pin powers the
iso
Power dc-to-dc converter.
IIO
IIO is the current drawn by the VIO pin. This pin powers the
i
Coupler digital isolator.
ISC
ISC is the current drawn by the VISOIN pin under the specified
fault condition.
VOD
The VOD is the difference of the CANH and CANL levels, which
is VDIFF in ISO 11898-2:2016.
fOSC
fOSC is the carrier frequency of the isoPower dc-to-dc converter
that provides isolated power to the bus side.
tTXD_DOM
tTXD_DOM is the propagation delay from a low signal on TXD to
transition the bus to a dominant state.
tTXD_REC
tTXD_REC is the propagation delay from a high signal on TXD to
transition the bus to a recessive state.
tLOOP_FALL
tLOOP_FALL is the propagation delay of a low signal on the TXD
pin to the bus dominant and transitions low on the RXD pin.
tLOOP_RISE
tLOOP_RISE is the propagation delay of a high signal on the TXD
pin to the bus recessive and transitions high on the RXD pin.
tBIT_TXD
tBIT_TXD is the bit time on the TXD pin as transmitted by the
CAN controller. See Figure 2 for level definitions.
tBIT_BUS
tBIT_BUS is the bit time transmitted by the transceiver to the bus.
When compared with a given tBIT_TXD, a measure of bit symmetry
from the TXD digital isolation channel and CAN transceiver
can be determined. See Figure 2 for level definitions.
tBIT_RXD
tBIT_RXD is the bit time on the RXD output pin that can be
compared with tBIT_TXD for a round trip measure of pulse width
distortion through the TXD digital isolation channel, the CAN
transceiver, and back through the RXD isolation channel.
Wake-Up Pattern (WUP)
WUP is a remote transmitted pattern required to trigger low
speed data transmission by the CAN transceiver while in standby
mode. The pattern does not force the transceiver out of standby
mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com