Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AV3842A Datasheet(PDF) 3 Page - Avic Technology

Part # AV3842A
Description  LINEAR INTEGRATED CIRCUIT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVICTEK [Avic Technology]
Direct Link  
Logo AVICTEK - Avic Technology

AV3842A Datasheet(HTML) 3 Page - Avic Technology

  AV3842A Datasheet HTML 1Page - Avic Technology AV3842A Datasheet HTML 2Page - Avic Technology AV3842A Datasheet HTML 3Page - Avic Technology AV3842A Datasheet HTML 4Page - Avic Technology AV3842A Datasheet HTML 5Page - Avic Technology AV3842A Datasheet HTML 6Page - Avic Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
QW-R103-002,B
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Maximum Duty Cycle
D(MAX)
95
97
100
%
Minimum Duty Cycle
D(MIN)
0
%
Total Standby Current
Start-up Current
IST
0.12
0.3
mA
Operating Supply Current
ICC(opr)
Vpin 2=Vpin 3=0V
11
17
mA
Vcc Zener Voltage
Vz
Icc=25mA
34
V
note 2:These parameters, although guaranteed ,are not 100% tested in production.
note 3:Parameters measured at trip point of latch with Vpin 2=0.
note 4:Gain defined as:
∆Vpin 1
∆Vpin 3
A=
; 0<=Vpin3<=0.8V
note 5:Adjust Vcc above the start threshold before setting at 15V.
OPEN-LOOP LABORATORY TEST FIXTURE
1
2
8
7
3
6
4
5
A
Vref
Vcc
1k
/ 1W
CT
RT
5k
Error Amp
Adjust
OUTPUT
High peak current associated with capacity loads necessitate careful grounding techniques. Timing and bypass
capacitors should be connected close to pin 5 in single point GND. The transistor and 5k
Ω potentio-meter are used
to sample the oscillator waveform and apply an adjustable Ramp to Pin 3.
UNDER-VOLTAGE LOCKOUT
7
Vcc
Von=16V
Voff=10V
ON/OFF Command
to rest of IC
Von
Voff
<1mA
<15mA
Icc
Vcc
During Under-Voltage Lockout, the output driver is biased to a high impedance state. Pin 6 should be shunt to
GND with a bleeder resistor to prevent activating the power switch with output leakage currents.
@vic AV3842A/3843A LINEARINTEGRATEDCIRCUIT



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com