Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VLS3P030R2 Datasheet(PDF) 2 Page - Schneider Electric

Part # VLS3P030R2
Description  Disconnect switch, TeSys VLS, body switch, 30A, 20HP at 480VAC, UL98, three phase, 50kA SCCR, size 2, DIN rail mount
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

VLS3P030R2 Datasheet(HTML) 2 Page - Schneider Electric

  VLS3P030R2_V01 Datasheet HTML 1Page - Schneider Electric VLS3P030R2_V01 Datasheet HTML 2Page - Schneider Electric VLS3P030R2_V01 Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
[Ith] Conventional Free Air
Thermal Current
32 A 131 °F (55 °C)
[Ithe] Conventional Enclosed
Thermal Current
30 A
Making Capacity ( I Rms)
48 A 690 V AC-21A
96 A 690 V AC-22A
320 A 690 V AC-23A
Breaking Capacity
48 A 690 V AC-21A)
96 A 690 V AC-22A)
256 A 690 V AC-23A)
SCCR
Circuit-breaker 100 A maximum: 100 kA at 480 V AC
Fuse CC 100 A maximum: 100 kA at 480 V AC
Fuse J 100 A maximum: 100 kA at 480 V AC
Fuse T 100 A maximum: 100 kA at 480 V AC
Fuse CC 60 A maximum: 50 kA at 600 V AC
Fuse J 60 A maximum: 50 kA at 600 V AC
Fuse T 60 A maximum: 50 kA at 600 V AC
Rated Conditional Short Circuit
Current
50 kA 400 V 32 A gG
[Icm] Rated Short Circuit
Making Capacity
1128 A 690 V
[Icw] Rated Short Time
Withstand Current
2500 A 690 V 1 s
[Uimp] Rated Impulse Withstand
Voltage
8 kV
Suitability for Isolation
Yes
Network Type
AC
Network Frequency
50/60 Hz
Intermittent Duty Class
Class 120 - 60 %
Control Type
Rotary handle
Rotary Handle Mounting Style
Direct
Handle Color
Black
Handle Front Plate Color
Grey
Rotary Handle Padlocking
1 padlock 0.16 in (4 mm)
Marking
0 - 1
Mechanical Durability
30000 cycles
Electrical Durability
30000 cycles AC-21
UL Wire Size
AWG 12...AWG 1 copper
IEC Terminal Connection
Power circuit screw clamp terminals 0.08 in² (50 mm²) solid
Power circuit screw clamp terminals 0.11 in² (70 mm²) flexible - without cable end
Tightening Torque
Power circuit 44.25…53.10 lbf.in (5…6 N.m) screw clamp terminals
Height
2.95 in (75 mm)
Width
2.76 in (70 mm)
Depth
3.94 in (100 mm)
Product Weight
0.80 lb(US) (0.365 kg)
Environment
Standards
UL98
CSA C22.2 No 4
IEC 60947-3
Product Certifications
cULus
GL
Degree of Protection
IP20 conforming to IEC 60529
Mechanical Robustness
Vibrations 2...100 Hz Fc 0.7 g) IEC 60068-2-6
2
Jun 27, 2022



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com