Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OVLEW1CB9 Datasheet(PDF) 1 Page - OPTEK Technologies

Part # OVLEW1CB9
Description  White High-Intensity LED Lamp White High-Intensity LED Lamp
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OVLEW1CB9 Datasheet(HTML) 1 Page - OPTEK Technologies

  OVLEW1CB9 Datasheet HTML 1Page - OPTEK Technologies OVLEW1CB9 Datasheet HTML 2Page - OPTEK Technologies OVLEW1CB9 Datasheet HTML 3Page - OPTEK Technologies OVLEW1CB9 Datasheet HTML 4Page - OPTEK Technologies OVLEW1CB9 Datasheet HTML 5Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A
10/05
Page 1 of 5
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OVLEW1CB9
x
Narrow beam angle
x
High luminous intensity
x
Water clear plastic package
x
InGaN White
x
Pb-free
The OVLEW1CB9 is a round 5 mm white high-intensity lamp with a 15°viewing angle. It is designed for
applications that require high luminous intensity, such as indoor and outdoor displays, marker lights and optical
indicators. The phosphor used in the reflector converts the blue emission of the InGaN chip to ideal white light so
that the best mode of white light intensity and CIE chromaticity are achieved.
Applications
x
Indoor/outdoor displays and applications
x
Message boards
x
Store front signage
x
Indicators
Part Number
Material
Emitted Color
Intensity Typ. mcd
OVLEW1CB9
InGaN
White
9000
Lens Color
Water Clear
White High-Intensity LED Lamp
(5 mm, 15°Viewing Angle)
1 ANODE 2 CATHODE
DO NOT LOOK DIRECTLY
AT LED WITH UNSHIELDED
EYES OR DAMAGE TO
RETINA MAY OCCUR.
RoHS
Moisture


Similar Part No. - OVLEW1CB9

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OVLEW1CB9 TTELEC-OVLEW1CB9 Datasheet
686Kb / 4P
White High-Intensity LED Lamp
More results

Similar Description - OVLEW1CB9

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OVLAW4CB6 OPTEK-OVLAW4CB6 Datasheet
1Mb / 5P
White High-Intensity LED Lamp (3 mm, 45째 Viewing Angle)
OVLEW3CB6 OPTEK-OVLEW3CB6 Datasheet
1Mb / 5P
White High-Intensity LED Lamp (5 mm, 30째 Viewing Angle)
OVLEW5CB6 OPTEK-OVLEW5CB6 Datasheet
1Mb / 5P
White High-Intensity LED Lamp (5 mm, 50째 Viewing Angle)
logo
AUK corp
SW3318E-G AUK-SW3318E-G Datasheet
281Kb / 6P
High Brightness White LED Lamp
SW5315E-G AUK-SW5315E-G Datasheet
170Kb / 5P
High Brightness White LED Lamp
logo
TT Electronics.
OVLAW4CB6 TTELEC-OVLAW4CB6 Datasheet
1Mb / 5P
White High-Intensity LED Lamp (3 mm, 45째 Viewing Angle)
OVLAW4CB7 TTELEC-OVLAW4CB7 Datasheet
353Kb / 6P
White High-Intensity LED Lamp (3 mm, 40째 Viewing Angle)
OVLEW1CB9 TTELEC-OVLEW1CB9 Datasheet
686Kb / 4P
White High-Intensity LED Lamp
OVLEW3CB6 TTELEC-OVLEW3CB6 Datasheet
1Mb / 5P
White High-Intensity LED Lamp (5 mm, 30째 Viewing Angle)
OVLEW5CB6 TTELEC-OVLEW5CB6 Datasheet
1Mb / 5P
White High-Intensity LED Lamp (5 mm, 50째 Viewing Angle)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com