Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

COMBO-WW-40 Datasheet(PDF) 2 Page - Quelighting Corp

Part # COMBO-WW-40
Description  COMBO - LED Grow Light 40W
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUELIGHTING [Quelighting Corp]
Direct Link  http://www.quelighting.com/
Logo QUELIGHTING - Quelighting Corp

COMBO-WW-40 Datasheet(HTML) 2 Page - Quelighting Corp

  COMBO-WW-40 Datasheet HTML 1Page - Quelighting Corp COMBO-WW-40 Datasheet HTML 2Page - Quelighting Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
COMBO
Grow LED Light Bar
for indoor farming systems : 40W
Features:
● Aluminum fixture for better heat dissipation (passive air cooling)
● Equip with water resistant connector for High reliability
● Multiple spectrum average PPFD150~200 µmol/(m
2s) for different crop cultivation and suit for all growing stages
● Built in driver or exclusive LED driver optional according to your vertical farm construction
● Select high efficiency LEDs chips for better light distribution
Specifications:
Type
Part No.
COMBO-WW-40
COMBO-RBW-43
COMBO-PCRW-40
COMBO-RB-43
Photo
AC Input Voltage
AC 100~240V
AC 100~240V
AC 100~240V
AC 100~240V
Rated Power
40W ± 7%
43W ± 7%
40W ± 7%
43W ± 7%
Spectrum
Neutral White
Red/Blue/White
PCRed/ White
Red/Blue
PPFD µmol/(m2s)
204.1 µmol/(m
2s)
205.4 µmol/(m
2s)
168.8 µmol/(m
2s)
182.4 µmol/(m
2s)
LED Q'ty
256pcs
224pcs
192pcs
256pcs
PPF µmol/s
87.13 µmol/s
90.9 µmol/s
69.87 µmol/s
81.32 µmol/s
Efficiency (µmol/j)
2.1 µmol/j
2.1 µmol/j
1.7 µmol/j
1.8 µmol/j
LED lifespan
>30,000 hrs
>30,000 hrs
>30,000 hrs
>30,000 hrs
Beam Width
120
o
120
o
120
o
120
o
Approval
Waterproof Grade
Distance from Plants
Dimension
Product finish
Applications:
Spectrum Available:
WW = Netural White
RBW = Deep Red , Blue , White
PCRW = PCRed, White
RB = Deep Red, Blue
Indoor Farming
PPFD result @ 20cm Height
Use spectrometer test 5 points of PPFD (umol/m
2s)
Multilayer Shelf
All parameters tested under 25°C ambient temperature
COMBO Series
W44 x H32.8 x L 120 cm
Flood end cap with quick connector
20cm~30cm
IP 54
CE Declaration , RoHS Compliant
ECOTUBE LAMP -100cm length
1
2
3
4
5
20cm



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com