Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MP240 Datasheet(PDF) 2 Page - Cirrus Logic

Part # MP240
Description  POWER OPERATIONAL AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

MP240 Datasheet(HTML) 2 Page - Cirrus Logic

  MP240 Datasheet HTML 1Page - Cirrus Logic MP240 Datasheet HTML 2Page - Cirrus Logic MP240 Datasheet HTML 3Page - Cirrus Logic MP240 Datasheet HTML 4Page - Cirrus Logic MP240 Datasheet HTML 5Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
APEX MICROTECHNOLOGY CORPORATION • 5980 NORTH SHANNON ROAD • TUCSON, ARIZONA 85741 • USA • APPLICATIONS HOTLINE: 1 (800) 546-2739
2
ABSOLUTE MAXIMUM RATINGS
SPECIFICATIONS
MP240
SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS
PARAMETER
TEST CONDITIONS1
MIN
TYP
MAX
UNITS
INPUT
OFFSET VOLTAGE
1
5
mV
OFFSET VOLTAGE vs. temperature
Full temperature range
20
50
µV/°C
OFFSET VOLTAGE vs. supply
20
µV/V
BIAS CURRENT, initial3
100
pA
BIAS CURRENT vs. supply
0.1
pA/V
OFFSET CURRENT, initial
50
pA
INPUT IMPEDANCE, DC
100
GΩ
INPUT CAPACITANCE
4
pF
COMMON MODE VOLTAGE RANGE
+VB - 15
V
COMMON MODE VOLTAGE RANGE
-VB + 15
V
COMMON MODE REJECTION, DC
92
dB
DIFFERENTIAL INPUT VOLTAGE
±25
V
NOISE
1MHz bandwidth, 1kΩ RS
5
µV RMS
SHUTDOWN, active
HSD - LSD
4.5
5
5.5
V
SHUTDOWN, inactive
HSD - LSD
-0.5
0
0.25
V
GAIN
OPEN LOOP @ 15Hz
RL= 1KΩ, CC = 100pF
96
dB
GAIN BANDWIDTH PRODUCT @ 1MHz
CC = 100pF
1.8
MHz
PHASE MARGIN
Full temperature range
60
°
OUTPUT
VOLTAGE SWING
IO = 20A
+VS - 10
+VS - 7
V
VOLTAGE SWING
IO = -20A
-VS + 10
-VS + 8
V
VOLTAGE SWING
IO = 20A, +VB = +VS +10V
+VS - 3.0
+VS - 2.0
V
VOLTAGE SWING
IO = -20A, -VB = -VS -10V
-VS + 6.0
-VS + 5.0
V
CURRENT, continuous, DC
20
A
SLEW RATE, A V = -10
CC = 100pF
12
14
V/µS
SETTLING TIME, to 0.1%
A V = -1, 10V Step, CC = 680pF
5
µS
RESISTANCE, open loop
DC, 10A Load
0.2
POWER SUPPLY
VOLTAGE
±15
±75
±100
V
CURRENT, quiescent, total
16.5
25
mA
CURRENT, shutdown or class C quiescent
8.5
mA
CURRENT, boost supply
8.5
mA
THERMAL
RESISTANCE, AC, junction to case5
Full temperature range, f ≥ 60Hz
0.58
°C/W
RESISTANCE, DC, junction to case
Full temperature range, f < 60Hz
0.73
°C/W
RESISTANCE, junction to air
Full temperature range
14
°C/W
TEMPERATURE RANGE, case
-40
85
°C
NOTES: 1. Unless otherwise noted: TC = 25°C, compensation CC = 680pF, DC input specifications are ± value given, power supply voltage
is typical rating. Amplifier operated without boost feature.
2. Long term operation at the maximum junction temperature will result in reduced product life. Derate internal power dissipation to
achieve high MTBF.
3. Doubles for every 10°C of case temperature increase.
4. +VS and -VS denote the + and - output stage supply voltages. +VB and -VB denote the + and - input stage supply voltages (boost
voltages).
5. Rating applies if the output current alternates between both output transistors at a rate faster than 60Hz.
6. Power supply voltages +VB and -VB must not be less than +VS and -VS respectively.
SUPPLY VOLTAGE, +VS to -VS
200V
SUPPLY VOLTAGE, +VB
+VS + 15V6
SUPPLY VOLTAGE, -VB
-VS - 15V6
OUTPUT CURRENT, peak
25A, within SOA
POWER DISSIPATION, internal, DC
170W
INPUT VOLTAGE
+VB to -VB
TEMPERATURE, pin solder, 10s
225°C.
TEMPERATURE, junction2
150°C.
TEMPERATURE RANGE, storage
-40 to 105°C.
OPERATING TEMPERATURE, case
-40 to 85°C.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com