Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BLM15BD152SZ1B Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd

Part # BLM15BD152SZ1B
Description  The chip ferrite beads BLM series is designed to work nearly as a resistor at noise frequencies, which greatly reduces the possibility of resonance and leaves signal wave forms undistorted.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

BLM15BD152SZ1B Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd

  BLM15BD152SZ1B Datasheet HTML 1Page - Murata Manufacturing Co., Ltd BLM15BD152SZ1B Datasheet HTML 2Page - Murata Manufacturing Co., Ltd BLM15BD152SZ1B Datasheet HTML 3Page - Murata Manufacturing Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Search Data Sheet
BLM15BD152SZ1#
“#” indicates a package specification code.
Note: This datasheet may be out of date.
Please download the latest datasheet of BLM15BD152SZ1# from the official website of Murata
Manufacturing Co., Ltd.
http://www.murata.com/en/products/productdetail?partno=BLM15BD152SZ1%23
Attention
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : https://www.murata.com/
Last updated06/27/2022
Specifications
Shape
SMD
Size Code (in inch)
0402
Length
1.0mm
Length
 Tolerance
±0.05mm
Width
0.5mm
Width Tolerance
±0.05mm
Thickness
0.5mm
Thickness
 Tolerance
±0.05mm
Operating Temperature
Range
-55
℃ to 125℃
Mass(typ.)
0.001g
Number of Circuit
1
Rated Current (at 85
℃)
190mA
Rated Current (at 125
℃)
190mA
DC Resistance(max.)
1Ω
Impedance (at 100MHz)
1500Ω
Impedance (at 100MHz)
Tolerance
±25%
Size Code (in mm)
1005
2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com