Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC3442 Datasheet(PDF) 8 Page - Linear Integrated Systems

Part # LTC3442
Description  Micropower Synchronous Buck-Boost DC/DC Converter with Automatic Burst Mode Operation
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC3442 Datasheet(HTML) 8 Page - Linear Integrated Systems

Back Button LTC3442 Datasheet HTML 4Page - Linear Integrated Systems LTC3442 Datasheet HTML 5Page - Linear Integrated Systems LTC3442 Datasheet HTML 6Page - Linear Integrated Systems LTC3442 Datasheet HTML 7Page - Linear Integrated Systems LTC3442 Datasheet HTML 8Page - Linear Integrated Systems LTC3442 Datasheet HTML 9Page - Linear Integrated Systems LTC3442 Datasheet HTML 10Page - Linear Integrated Systems LTC3442 Datasheet HTML 11Page - Linear Integrated Systems LTC3442 Datasheet HTML 12Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LTC3442
8
3442f
The LTC3442 provides high efficiency, low noise power
for applications such as portable instrumentation. The
LTC proprietary topology allows input voltages above,
below or equal to the output voltage by properly phasing
the output switches. The error amp output voltage on VC
determines the output duty cycle of the switches. Since VC
is a filtered signal, it provides rejection of frequencies
from well below the switching frequency. The low RDS(ON),
low gate charge synchronous switches provide high
frequency pulse width modulation control at high effi-
ciency. Schottky diodes across the synchronous switch D
and synchronous switch B are not required, but provide a
lower voltage drop during the break-before-make time
(typically 15ns). Schottky diodes will improve peak effi-
ciency by typically 1% to 2%. High efficiency is achieved
at light loads when Burst Mode operation is entered and
the IC’s quiescent current drops to a low 35µA.
LOW NOISE FIXED FREQUENCY OPERATION
Oscillator
The frequency of operation is programmed by an external
resistor from RT to ground, according to the following
equation:
f
R
kHz
Tk
()
()
,
=
43 300
Error Amp
The error amplifier is a voltage mode amplifier. The loop
compensation components are configured around the
amplifier (from FB to VC) to obtain stability of the con-
verter. For improved bandwidth, an additional RC feed-
forward network can be placed across the upper feedback
divider resistor. The voltage on SHDN/SS clamps the
error amp output, VC, to provide a soft-start function.
OPERATIO
Internal Current Limit
There are three different current limit circuits in the
LTC3442. Two have internally fixed thresholds which vary
inversely with VIN, the third is externally programmable,
and does not vary with input voltage.
The first circuit is a high speed peak current limit amplifier
that will shut off switch A if the current exceeds 5A typical.
The delay to output of this amplifier is typically 50ns.
A second amplifier will begin to source current into the FB
pin to drop the output voltage once the peak input current
exceeds 3A typical. This method provides a closed loop
means of clamping the input current. During conditions
where VOUT is near ground, such as during a short-circuit
or during startup, this threshold is cut in half, providing a
foldback feature. For this current limit feature to be most
effective, the Thevenin resistance from FB to ground
should be greater than 100kΩ.
Externally Programmable Current Limit
The third current limit circuit is programmed by an exter-
nal resistor on RLIM. This circuit works by mirroring the
input current in switch A, averaging it by means of the
external RC network on RLIM, and comparing the resulting
voltage with an internal reference. If the voltage on RLIM
starts to exceed 0.95V, a Gm amplifier will clamp VC,
lowering VOUT to maintain control of the input current.
This allows the user to program a maximum average input
current, for applications such as USB, where the current
draw from the bus must be limited to 500mA. The resistor
and capacitor values are determined by the following
equations:
R
VV
I
C
R
LIM k
IN
OUT
IN AMPS
LIM F
LIM k
()
()
()
()
•.
•–
.
µ
=
+ ()
70
0 86
2
40
01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com