Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F616-E/ML Datasheet(PDF) 109 Page - Cirrus Logic

Part # PIC16F616-E/ML
Description  14-Pin Flash-Based, 8-Bit CMOS Microcontrollers
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PIC16F616-E/ML Datasheet(HTML) 109 Page - Cirrus Logic

Back Button PIC16F616-E/ML Datasheet HTML 105Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 106Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 107Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 108Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 109Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 110Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 111Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 112Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 113Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 172 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS41288A-page 107
PIC16F616/16HV616
11.4.2
TIMER0 INTERRUPT
An overflow (FFh
→ 00h) in the TMR0 register will set
the T0IF bit of the INTCON register. The interrupt can
be enabled/disabled by setting/clearing T0IE bit of the
INTCON register. See Section 5.0 “Timer0 Module”
for operation of the Timer0 module.
11.4.3
PORTA INTERRUPT-ON-CHANGE
An input change on PORTA sets the RAIF bit of the
INTCON register. The interrupt can be enabled/
disabled by setting/clearing the RAIE bit of the INTCON
register. Plus, individual pins can be configured through
the IOCA register.
FIGURE 11-7:
INTERRUPT LOGIC
Note:
If a change on the I/O pin should occur
when any PORTA operation is being
executed, then the RAIF interrupt flag may
not get set.
TMR1IF
TMR1IE
C1IF
C1IE
T0IF
T0IE
INTF
INTE
RAIF
RAIE
GIE
PEIE
Wake-up (If in Sleep mode)(1)
Interrupt to CPU
ADIF
ADIE
IOC-RA0
IOCA0
IOC-RA1
IOCA1
IOC-RA2
IOCA2
IOC-RA3
IOCA3
IOC-RA4
IOCA4
IOC-RA5
IOCA5
TMR2IF
TMR2IE
CCP1IF
CCP1IE
C2IF
C2IE
Note
1:
Some peripherals depend upon the system clock for
operation. Since the system clock is suspended during Sleep, only
those peripherals which do not depend upon the system clock will wake
the part from Sleep. See Section 11.7.1 “Wake-up from Sleep”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com