Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F616-E/ML Datasheet(PDF) 70 Page - Cirrus Logic

Part # PIC16F616-E/ML
Description  14-Pin Flash-Based, 8-Bit CMOS Microcontrollers
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PIC16F616-E/ML Datasheet(HTML) 70 Page - Cirrus Logic

Back Button PIC16F616-E/ML Datasheet HTML 66Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 67Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 68Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 69Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 70Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 71Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 72Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 73Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 74Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 172 page
background image
PIC16F616/16HV616
DS41288A-page 68
Preliminary
© 2006 Microchip Technology Inc.
9.2
ADC Operation
9.2.1
STARTING A CONVERSION
To enable the ADC module, the ADON bit of the
ADCON0 register must be set to a ‘1’. Setting the GO/
DONE bit of the ADCON0 register to a ‘1’ will start the
analog-to-digital conversion.
9.2.2
COMPLETION OF A CONVERSION
When the conversion is complete, the ADC module will:
• Clear the GO/DONE bit
• Set the ADIF flag bit
• Update the ADRESH:ADRESL registers with new
conversion result
9.2.3
TERMINATING A CONVERSION
If a conversion must be terminated before completion,
the GO/DONE bit can be cleared in software. The
ADRESH:ADRESL registers will not be updated with
the partially complete analog-to-digital conversion
sample. Instead, the ADRESH:ADRESL register pair
will retain the value of the previous conversion. Addi-
tionally, a 2 TAD delay is required before another acqui-
sition can be initiated. Following this delay, an input
acquisition is automatically started on the selected
channel.
9.2.4
ADC OPERATION DURING SLEEP
The ADC module can operate during Sleep. This
requires the ADC clock source to be set to the FRC
option. When the FRC clock source is selected, the
ADC waits one additional instruction before starting the
conversion. This allows the SLEEP instruction to be
executed, which can reduce system noise during the
conversion. If the ADC interrupt is enabled, the device
will
wake-up
from
Sleep
when
the
conversion
completes. If the ADC interrupt is disabled, the ADC
module is turned off after the conversion completes,
although the ADON bit remains set.
When the ADC clock source is something other than
FRC, a SLEEP instruction causes the present conver-
sion to be aborted and the ADC module is turned off,
although the ADON bit remains set.
9.2.5
SPECIAL EVENT TRIGGER
The ECCP Special Event Trigger allows periodic ADC
measurements without software intervention. When
this trigger occurs, the GO/DONE bit is set by hardware
and the Timer1 counter resets to zero.
Using the Special Event Trigger does not ensure
proper ADC timing. It is the user’s responsibility to
ensure that the ADC timing requirements are met.
See Section 10.0 “Enhanced Capture/Compare/
PWM (With Auto-Shutdown and Dead Band) Mod-
ule” for more information.
9.2.6
A/D CONVERSION PROCEDURE
This is an example procedure for using the ADC to
perform an analog-to-digital conversion:
1.
Configure Port:
• Disable pin output driver (See TRIS register)
• Configure pin as analog
2.
Configure the ADC module:
• Select ADC conversion clock
• Configure voltage reference
• Select ADC input channel
• Select result format
• Turn on ADC module
3.
Configure ADC interrupt (optional):
• Clear ADC interrupt flag
• Enable ADC interrupt
• Enable peripheral interrupt
• Enable global interrupt(1)
4.
Wait the required acquisition time(2).
5.
Start conversion by setting the GO/DONE bit.
6.
Wait for ADC conversion to complete by one of
the following:
• Polling the GO/DONE bit
• Waiting for the ADC interrupt (interrupts
enabled)
7.
Read ADC Result
8.
Clear the ADC interrupt flag (required if interrupt
is enabled).
Note:
The GO/DONE bit should not be set in the
same instruction that turns on the ADC.
Refer to Section 9.2.6 “A/D Conversion
Procedure”.
Note:
A device Reset forces all registers to their
Reset state. Thus, the ADC module is
turned off and any pending conversion is
terminated.
Note 1: The global interrupt may be disabled if the
user is attempting to wake-up from Sleep
and resume in-line code execution.
2: See
Section 9.3
“A/D
Acquisition
Requirements”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com