Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F616-E/ML Datasheet(PDF) 117 Page - Cirrus Logic

Part # PIC16F616-E/ML
Description  14-Pin Flash-Based, 8-Bit CMOS Microcontrollers
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PIC16F616-E/ML Datasheet(HTML) 117 Page - Cirrus Logic

Back Button PIC16F616-E/ML Datasheet HTML 113Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 114Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 115Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 116Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 117Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 118Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 119Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 120Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 121Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 172 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS41288A-page 115
PIC16F616/16HV616
12.0
VOLTAGE REGULATOR
The PIC16HV616 includes a permanent internal 5 volt
(nominal) shunt regulator in parallel with the VDD pin.
This eliminates the need for an external voltage
regulator in systems sourced by an unregulated supply.
All external devices connected directly to the VDD pin
will share the regulated supply voltage and contribute
to the total VDD supply current (ILOAD).
12.1
Regulator Operation
A shunt regulator generates a specific supply voltage
by creating a voltage drop across a pass resistor RSER.
The voltage at the VDD pin of the microcontroller is
monitored and compared to an internal voltage refer-
ence. The current through the resistor is then adjusted,
based on the result of the comparison, to produce a
voltage drop equal to the difference between the supply
voltage VUNREG and the VDD of the microcontroller.
See Figure 12-1 for voltage regulator schematic.
FIGURE 12-1:
VOLTAGE REGULATOR
An external current limiting resistor, RSER, located
between the unregulated supply, VUNREG, and the VDD
pin, drops the difference in voltage between VUNREG
and VDD. RSER must be between RMAX and RMIN as
defined by Equation 12-1.
EQUATION 12-1:
RSER LIMITING RESISTOR
12.2
Regulator Considerations
The supply voltage VUNREG and load current are not
constant. Therefore, the current range of the regulator
is limited. Selecting a value for RSER must take these
three factors into consideration.
Since the regulator uses the band gap voltage as the
regulated voltage reference, this voltage reference is
permanently enabled in the PIC16HV616 device.
Feedback
VDD
VSS
CBYPASS
RSER
VUNREG
ISUPPLY
ISHUNT
ILOAD
RMAX =
(VUMIN - 5V)
1.05 • (4 MA + ILOAD)
RMIN =
(VUMAX - 5V)
0.95 • (50 MA)
Where:
RMAX = maximum value of RSER (ohms)
RMIN
= minimum value of RSER (ohms)
VUMIN = minimum value of VUNREG
VUMAX = maximum value of VUNREG
VDD
= regulated voltage (5V nominal)
ILOAD = maximum expected load current in mA
including I/O pin currents and external
circuits connected to VDD.
1.05
= compensation for +5% tolerance of RSER
0.95
= compensation for -5% tolerance of RSER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com