Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BA157WS Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # BA157WS
Description  Surface Mount Fast Recovery Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

BA157WS Datasheet(HTML) 2 Page - Rectron Semiconductor

  BA157WS Datasheet HTML 1Page - Rectron Semiconductor BA157WS Datasheet HTML 2Page - Rectron Semiconductor BA157WS Datasheet HTML 3Page - Rectron Semiconductor BA157WS Datasheet HTML 4Page - Rectron Semiconductor BA157WS Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
25
50
75
100
125
150
175
single phase halfwave
60HZ resistive or inductive
load
0.01
0.1
1
10
0
Pulse wiclth=300 S 1%
dutycycle
0.1
1
10
100
0
2040
6080
100
TJ=100
TJ=25
1
2
3
0.5
1.0
1.5
2.0
2.5
10
1
1
10
100
1
10
100
8.3mS single halfsine
wave(JEDEC Method)
RATING AND CHARACTERISTICS CURVES (BA157WSV THRU BA159WSV)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com