Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F616-E/P Datasheet(PDF) 21 Page - Cirrus Logic

Part # PIC16F616-E/P
Description  14-Pin Flash-Based, 8-Bit CMOS Microcontrollers
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PIC16F616-E/P Datasheet(HTML) 21 Page - Cirrus Logic

Back Button PIC16F616-E/P Datasheet HTML 17Page - Cirrus Logic PIC16F616-E/P Datasheet HTML 18Page - Cirrus Logic PIC16F616-E/P Datasheet HTML 19Page - Cirrus Logic PIC16F616-E/P Datasheet HTML 20Page - Cirrus Logic PIC16F616-E/P Datasheet HTML 21Page - Cirrus Logic PIC16F616-E/P Datasheet HTML 22Page - Cirrus Logic PIC16F616-E/P Datasheet HTML 23Page - Cirrus Logic PIC16F616-E/P Datasheet HTML 24Page - Cirrus Logic PIC16F616-E/P Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 172 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS41288A-page 19
PIC16F616/16HV616
3.0
OSCILLATOR MODULE
3.1
Overview
The Oscillator module has a wide variety of clock
sources and selection features that allow it to be used
in a wide range of applications while maximizing perfor-
mance and minimizing power consumption. Figure 3-1
illustrates a block diagram of the Oscillator module.
Clock sources can be configured from external
oscillators, quartz crystal resonators, ceramic resonators
and Resistor-Capacitor (RC) circuits. In addition, the
system clock source can be configured with a choice of
two selectable speeds: internal or external system clock
source.
The Oscillator module can be configured in one of eight
clock modes.
1.
EC – External clock with I/O on OSC2/CLKOUT.
2.
LP – 32 kHz Low-Power Crystal mode.
3.
XT – Medium Gain Crystal or Ceramic Resonator
Oscillator mode.
4.
HS – High Gain Crystal or Ceramic Resonator
mode.
5.
RC – External Resistor-Capacitor (RC) with
FOSC/4 output on OSC2/CLKOUT.
6.
RCIO – External Resistor-Capacitor (RC) with
I/O on OSC2/CLKOUT.
7.
INTOSC – Internal oscillator with FOSC/4 output
on OSC2 and I/O on OSC1/CLKIN.
8.
INTOSCIO – Internal oscillator with I/O on
OSC1/CLKIN and OSC2/CLKOUT.
Clock Source modes are configured by the FOSC<2:0>
bits in the Configuration Word register (CONFIG). The
Internal Oscillator module provides a selectable system
clock mode of either 4 MHz (Postscaler) or 8 MHz
(INTOSC).
FIGURE 3-1:
PICmicro® MCU CLOCK SOURCE BLOCK DIAGRAM
(CPU and Peripherals)
OSC1
OSC2
Sleep
External Oscillator
LP, XT, HS, RC, RCIO, EC
System Clock
FOSC<2:0>
(Configuration Word Register)
Internal Oscillator
INTOSC
8 MHz
Postscaler
4 MHz
INTOSC
IOSCFS<7>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com