Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC12F510-E/SO Datasheet(PDF) 21 Page - Microchip Technology

Part # PIC12F510-E/SO
Description  8/14-Pin, 8-Bit Flash Microcontroller
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F510-E/SO Datasheet(HTML) 21 Page - Microchip Technology

Back Button PIC12F510-E/SO Datasheet HTML 17Page - Microchip Technology PIC12F510-E/SO Datasheet HTML 18Page - Microchip Technology PIC12F510-E/SO Datasheet HTML 19Page - Microchip Technology PIC12F510-E/SO Datasheet HTML 20Page - Microchip Technology PIC12F510-E/SO Datasheet HTML 21Page - Microchip Technology PIC12F510-E/SO Datasheet HTML 22Page - Microchip Technology PIC12F510-E/SO Datasheet HTML 23Page - Microchip Technology PIC12F510-E/SO Datasheet HTML 24Page - Microchip Technology PIC12F510-E/SO Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 114 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS41268B-page 19
PIC12F510/16F506
REGISTER 4-2:
STATUS REGISTER (ADDRESS: 03h) (PIC16F506)
R/W-0
R/W-0
R/W-0
R-1
R-1
R/W-X
R/W-X
R/W-X
RBWUF
CWUF
PA0
TO
PD
ZDC
C
bit 7
bit 0
bit 7
RBWUF: PORTB Reset bit
1
= Reset due to wake-up from Sleep on pin change
0
= After power-up or other Reset
bit 6
CWUF: Comparator Reset bit
1
= Reset due to wake-up from Sleep on comparator change
0
= After power-up or other Reset
bit 5
PA0: Program Page Preselect bits
1
= Page 1 (200h-3FFh)
0
= Page 0 (000h-1FFh)
Each page is 512 bytes.
Using the PA0 bit as a general purpose read/write bit in devices which do not use it for program page pre-
select is not recommended, since this may affect upward compatibility with future products.
bit 4
TO: Time-out bit
1
= After power-up, CLRWDT instruction, or SLEEP instruction
0
= A WDT time-out occurred
bit 3
PD: Power-down bit
1
= After power-up or by the CLRWDT instruction
0
= By execution of the SLEEP instruction
bit 2
Z: Zero bit
1
= The result of an arithmetic or logic operation is zero
0
= The result of an arithmetic or logic operation is not zero
bit 1
DC: Digit carry/borrow bit (for ADDWF and SUBWF instructions)
ADDWF:
1
= A carry from the 4th low-order bit of the result occurred
0
= A carry from the 4th low-order bit of the result did not occur
SUBWF:
1
= A borrow from the 4th low-order bit of the result did not occur
0
= A borrow from the 4th low-order bit of the result occurred
bit 0
C: Carry/borrow bit (for ADDWF, SUBWF and RRF, RLF instructions)
ADDWF:
SUBWF:
RRF
or RLF:
1
= A carry occurred
1
= A borrow did not occur
Load bit with LSb or MSb, respectively
0
= A carry did not occur
0
= A borrow occurred
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com