Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MIC4467YWM Datasheet(PDF) 15 Page - Microchip Technology

Part # MIC4467YWM
Description  Quad 1.2A Peak Low-Side MOSFET Drivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4467YWM Datasheet(HTML) 15 Page - Microchip Technology

Back Button MIC4467YWM Datasheet HTML 10Page - Microchip Technology MIC4467YWM Datasheet HTML 11Page - Microchip Technology MIC4467YWM Datasheet HTML 12Page - Microchip Technology MIC4467YWM Datasheet HTML 13Page - Microchip Technology MIC4467YWM Datasheet HTML 14Page - Microchip Technology MIC4467YWM Datasheet HTML 15Page - Microchip Technology MIC4467YWM Datasheet HTML 16Page - Microchip Technology MIC4467YWM Datasheet HTML 17Page - Microchip Technology MIC4467YWM Datasheet HTML 18Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS20006614A-page 15
MIC4467/8/9
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, contact your local Microchip representative or sales office
.
Examples:
a) MIC4467:
1.2A-Peak, Quad Low-Side MOSFET
Driver, NAND Input Logic, –40°C to
+85°C Industrial Temperature Range,
RoHS Compliant
MIC4467YWM
16-Lead SOIC Wide Package, 47/Tube
MIC4467YWM-TR
16-Lead SOIC Wide Package, 1,000/Reel
b) MIC4467:
1.2A-Peak, Quad Low-Side MOSFET
Driver, NAND Input Logic, 0°C to +70°C
Commercial Temperature Range, RoHS
Compliant
MIC4467ZN
14-Lead PDIP Package, 25/Tube
MIC4467ZWM
16-Lead SOIC Wide Package, 47/Tube
MIC4467ZWM-TR
16-Lead SOIC Wide Package, 1000/Reel
c) MIC4468:
1.2A-Peak, Quad Low-Side MOSFET
Driver, AND Input Logic, –40°C to +85°C
Industrial Temperature Range, RoHS
Compliant
MIC4468YN
14-Lead PDIP Package, 25/Tube
MIC4468YWM
16-Lead SOIC Wide Package, 47/Tube
MIC4468YWM-TR
16-Lead SOIC Wide Package, 1,000/Reel
d) MIC4468:
1.2A-Peak, Quad Low-Side MOSFET
Driver, AND Input Logic, 0°C to +70°C
Commercial Temperature Range, RoHS
Compliant
MIC4468ZN
14-Lead PDIP Package, 25/Tube
MIC4468ZWM
16-Lead SOIC Wide Package, 47/Tube
MIC4468ZWM-TR
16-Lead SOIC Wide Package, 1,000/Reel
MIC4469:
1.2A-Peak, Quad Low-Side MOSFET
Driver, AND with 1 Inverting Input Logic,
–40°C to +85°C Industrial Temperature
Range, RoHS Compliant
MIC4469YN
14-Lead PDIP Package, 25/Tube
MIC4469YWM
16-Lead SOIC Wide Package, 47/Tube
MIC4469YWM-TR
16-Lead SOIC Wide Package, 1,000/Reel
MIC4469:
1.2A-Peak, Quad Low-Side MOSFET
Driver, AND with 1 Inverting Input Logic,
–40°C to +85°C Commercial Temperature
Range, RoHS Compliant
MIC4469ZN
14-Lead PDIP Package, 25/Tube
MIC4469ZWM
16-Lead SOIC Wide Package, 47/Tube
MIC4469WM-TR
16-Lead SOIC Wide Package, 1,000/Reel
PART NO.
XX
Package
Device
Device:
MIC4467: Quad 1.2A-Peak Low-Side MOSFET Driver
with Bi-Polar/CMOS/DMOS Process featur-
ing NAND Input Logic
MIC4468: Quad 1.2A-Peak Low-Side MOSFET Driver
with Bi-Polar/CMOS/DMOS Process
featuring AND Input Logic
MIC4469: Quad 1.2A-Peak Low-Side MOSFET Driver
with Bi-Polar/CMOS/DMOS Process
featuring AND with 1 Inverting Input Logic
Temperature Range:
Y
=
–40°C to +85°C, Industrial
(RoHs Compliant)
Z
=
0°C to +70°C, Commercial
(RoHs Compliant)
Package:
N
=
14-Lead PDIP
WM =
16-Lead SOIC (Wide Body)
Media Type:
<blank> = 25/Tube (N, PDIP)
<blank> = 47/Tube (WM, SOIC)
TR
= 1,000/Reel (WM, SOIC)
X
Note 1:
Tape and Reel identifier only appears in the catalog
part number description. This identifier is used for
ordering purposes and is not printed on the device
package. Check with your Microchip Sales Office for
package availability with the Tape and Reel option.
–XX
Media Type
Temperature
Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com