Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE7259G Datasheet(PDF) 17 Page - Infineon Technologies AG

Part # TLE7259G
Description  LIN Transceiver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7259G Datasheet(HTML) 17 Page - Infineon Technologies AG

Back Button TLE7259G Datasheet HTML 13Page - Infineon Technologies AG TLE7259G Datasheet HTML 14Page - Infineon Technologies AG TLE7259G Datasheet HTML 15Page - Infineon Technologies AG TLE7259G Datasheet HTML 16Page - Infineon Technologies AG TLE7259G Datasheet HTML 17Page - Infineon Technologies AG TLE7259G Datasheet HTML 18Page - Infineon Technologies AG TLE7259G Datasheet HTML 19Page - Infineon Technologies AG TLE7259G Datasheet HTML 20Page - Infineon Technologies AG TLE7259G Datasheet HTML 21Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
TLE 7259 G
Preliminary Data Sheet
17
Rev. 1.3, 2004-12-13
Duty cycle D1
(for worst case at
20 kBit/s)
tduty1
0.396
–
–
duty cycle 1
1)
TH
Rec(max) =
0.744
× V
S;
TH
Dom(max) =
0.581
× V
S;
VS = 7.0 … 18 V;
tbit = 50 µs;
D1 = t
bus_rec(min)/2 tbit;
(LIN Spec 2.0;
line 3.3.1)
Duty cycle D2
(for worst case at
20 kBit/s)
tduty2
–
–
0.581
duty cycle 2
1)
TH
Rec(max)
= 0.422
× V
S;
TH
Dom(max)
= 0.284
× V
S
V
S = 7.6 … 18 V;
t
bit = 50 µs;
D2 =
t
bus_rec(max)/2 tbit;
(LIN Spec 2.0;
line 3.3.2)
1) Bus load conditions concerning LIN spec 2.0
C
bus, Rbus = 1 nF, 1 kΩ / 6.8 nF, 660 Ω / 10 nF, 500 Ω
Table 4
Electrical Characteristics (cont’d)
7.0 V <
V
S < 27 V; RL = 500 Ω; VEN > VEN,ON; -40 °C < Tj < 125 °C; all voltages with respect
to ground; positive current flowing into pin; unless otherwise specified.
Parameter
Symbol
Limit Values
Unit Remarks
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com