Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VSC8540XMVRT-E Datasheet(PDF) 55 Page - Microchip Technology

Part # VSC8540XMVRT-E
Description  Radiation-Tolerant Single Port Fast Ethernet Copper PHY with RGMII/MII/RMII Interfaces
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8540XMVRT-E Datasheet(HTML) 55 Page - Microchip Technology

Back Button VSC8540XMVRT-E Datasheet HTML 51Page - Microchip Technology VSC8540XMVRT-E Datasheet HTML 52Page - Microchip Technology VSC8540XMVRT-E Datasheet HTML 53Page - Microchip Technology VSC8540XMVRT-E Datasheet HTML 54Page - Microchip Technology VSC8540XMVRT-E Datasheet HTML 55Page - Microchip Technology VSC8540XMVRT-E Datasheet HTML 56Page - Microchip Technology VSC8540XMVRT-E Datasheet HTML 57Page - Microchip Technology VSC8540XMVRT-E Datasheet HTML 58Page - Microchip Technology VSC8540XMVRT-E Datasheet HTML 59Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 87 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS60001603E-page 55
VSC8540RT
6.4.4
WAKE-ON-LAN MAC ADDRESS [15:0]
The following table shows the register settings for the Wake-on-LAN MAC address at 21E2.
6.4.5
WAKE-ON-LAN MAC ADDRESS [31:16]
The following table shows the register settings for the Wake-on-LAN MAC address at 22E2.
7
RGMII/MII RXD bit reversal
R/W
Sticky bit.
When set to 1, makes the following
reversed mapping internally:
RXD3 maps to RXD0
RXD2 maps to RXD1
RXD1 maps to RXD2
RXD0 maps to RXD3
0
6:4
RX_CLK delay
R/W
Sticky bit.
000: 0.2 ns delay.
001: 0.8 ns delay.
010: 1.1 ns delay.
011: 1.7 ns delay.
100: 2.0 ns delay.
101: 2.3 ns delay.
110: 2.6 ns delay.
111: 3.4 ns delay.
000
3
RGMII/MII TXD bit reversal
R/W
Sticky bit.
When set to 1, makes the following
reversed mapping internally:
TXD3 maps to TXD0
TXD2 maps to TXD1
TXD1 maps to TXD2
TXD0 maps to TXD3
0
2:0
TX_CLK delay
R/W
Sticky bit.
000: 0.2 ns delay.
001: 0.8 ns delay.
010: 1.1 ns delay.
011: 1.7 ns delay.
100: 2.0 ns delay.
101: 2.3 ns delay.
110: 2.6 ns delay.
111: 3.4 ns delay.
000
TABLE 6-39:
WAKE-ON-LAN MAC ADDRESS, 21E2 (0X15)
Bit
Name
Access
Description
Default
15:0
WoL MAC address [15:0]
R/W
Sticky bit.
WoL MAC address lower two bytes.
0x0000
TABLE 6-40:
WAKE-ON-LAN MAC ADDRESS, 22E2 (0X16)
Bit
Name
Access
Description
Default
15:0
WoL MAC address [31:16]
R/W
Sticky bit.
WoL MAC address middle two bytes.
0x0000
TABLE 6-38:
RGMII CONTROL, ADDRESS 20E2 (0X14) (CONTINUED)
Bit
Name
Access
Description
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com