Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VSC8540XMVRT-MQ Datasheet(PDF) 29 Page - Microchip Technology

Part # VSC8540XMVRT-MQ
Description  Radiation-Tolerant Single Port Fast Ethernet Copper PHY with RGMII/MII/RMII Interfaces
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8540XMVRT-MQ Datasheet(HTML) 29 Page - Microchip Technology

Back Button VSC8540XMVRT-MQ Datasheet HTML 25Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 26Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 27Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 28Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 29Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 30Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 31Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 32Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 87 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS60001603E-page 29
VSC8540RT
When a PHY generates an interrupt, the MDINT pin is asserted by driving low if the interrupt pin enable bit (register
25.15) is set. The MDINT pin is configured for open-drain (active-low) operation. Tie the pin to a pull-up resistor to
VDDMDIO. The following illustration shows the configuration.
FIGURE 5-14:
MDINT CONFIGURED AS AN OPEN-DRAIN (ACTIVE-LOW) PIN
5.11
LED Interface
The LED interface supports direct drive and basic serial LED mode configuration. The polarity of the LED outputs is
programmable and can be changed using register 17E2, bits 13:10. The default polarity is active low.
Direct drive mode provides two LED signals, LED0 and LED1. The mode and function of each LED signal can be con-
figured independently.
In basic serial LED mode, all signals that can be displayed on LEDs are sent as LED_Data and LED_CLK for external
processing.
The following table shows the bit 9 settings for register 14G that are used to control the LED behavior for all the LEDs
in the VSC8540RT device.
5.11.1
LED MODES
Each LED pin can be configured to display different status information that can be selected by setting the LED mode in
register 29. The default LED state is active low and can be changed by modifying the value in register 17E2, bits 13:10.
The blink/pulse stretch is dependent on the LED behavior setting in register 30.
The following table provides a summary of the LED modes and functions. The modes listed are equivalent to the setting
used in register 29 to configure each LED pin.
TABLE 5-13:
LED DRIVE STATE
Setting
Active
Not Active
14G.9 = 1 (default)
Ground
Tristate
14G.9 = 0 (alternate setting) Ground
VDD
TABLE 5-14:
LED MODE AND FUNCTION SUMMARY
Mode
Function Name
LED State and Description
0
Link/Activity
1: No link in any speed on any media interface.
0: Valid link at any speed on any media interface.
Blink or pulse-stretch = Valid link at any speed on any media interface with activity
present.
1
Reserved
Reserved.
2
Link100/Activity
1: No link in 100BASE-TX.
0: Valid 100BASE-TX.
Blink or pulse-stretch = Valid 100BASE-TX link with activity present.
3
Link10/Activity
1: No link in 10BASE-T.
0: Valid 10BASE-T link.
Blink or pulse-stretch = Valid 10BASE-T link with activity present.
4
Reserved
Reserved.
MDINT
(to the Station
Manager)
Interrupt Pin Enable
(Register 25.15)
Interrupt Pin Status
(Register 26.15)
External Pull-Up
Resistor at the
Station Manager
VDDMDIO
PHY_n
MDINT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com