| Electronic Components Datasheet Search |
|
VSC8540XMVRT-HP Datasheet(PDF) 42 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
VSC8540XMVRT-HP Datasheet(HTML) 42 Page - Microchip Technology |
|
42 / 87 page ![]() VSC8540RT DS60001603E-page 42 2022 Microchip Technology Inc. and its subsidiaries 6.2.12 BYPASS CONTROL The bits in this register control aspects of functionality in effect when the device is disabled for the purpose of traffic bypass. The following table shows the settings available. 6.2.13 ERROR COUNTER 1 The bits in register 19 provide an error counter. The following table shows the settings available. 11 100BASE-TX receive error RO Self-clearing bit. 1: Receive error detected. 0 10 100BASE-TX transmit error RO Self-clearing bit. 1: Transmit error detected. 0 9 100BASE-TX SSD error RO Self-clearing bit. 1: Start-of-stream delimiter error detected. 0 8 100BASE-TX ESD error RO Self-clearing bit. 1: End-of-stream delimiter error detected. 0 7:0 Reserved RO Reserved. TABLE 6-15: BYPASS CONTROL, ADDRESS 18 (0X12) Bit Name Access Description Default 15 Transmit disable R/W 1: PHY transmitter disabled. 0 14 4B5B encoder/decoder R/W 1: Bypass 4B/5B encoder/decoder. 0 13 Scrambler R/W 1: Bypass scrambler. 0 12 Descrambler R/W 1: Bypass descrambler. 0 11 PCS receive R/W 1: Bypass PCS receiver. 0 10 PCS transmit R/W 1: Bypass PCS transmit. 0 9 LFI timer R/W 1: Bypass Link Fail Inhibit (LFI) timer. 0 8 Reserved RO Reserved. 7 HP Auto-MDIX at forced 10/ 100 R/W Sticky bit. 1: Disable HP Auto-MDIX at forced 10/100 speeds. 1 6 Reserved R/W Reserved. 0 5 Disable pair swap correction (HP Auto-MDIX when auto- negotiation enabled) R/W Sticky bit. 1: Disable the automatic pair swap correction. 0 4 Disable polarity correction R/W Sticky bit. 1: Disable polarity inversion correction on each subchannel. 0 3 Parallel detect control R/W Sticky bit. 1: Do not ignore advertised ability. 0: Ignore advertised ability. 1 2:0 Reserved RO Reserved. TABLE 6-16: EXTENDED CONTROL AND STATUS, ADDRESS 19 (0X13) Bit Name Access Description Default 15:8 Reserved RO Reserved. 7:0 Receive error counter RO 8-bit counter that saturates when it reaches 255. These bits are self-clearing when read. 0x00 TABLE 6-14: 100BASE-TX STATUS EXTENSION, ADDRESS 16 (0X10) (CONTINUED) Bit Name Access Description Default |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |