Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VND600-E Datasheet(PDF) 5 Page - STMicroelectronics

Part # VND600-E
Description  DOUBLE CHANNEL HIGH SIDE DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND600-E Datasheet(HTML) 5 Page - STMicroelectronics

  VND600-E Datasheet HTML 1Page - STMicroelectronics VND600-E Datasheet HTML 2Page - STMicroelectronics VND600-E Datasheet HTML 3Page - STMicroelectronics VND600-E Datasheet HTML 4Page - STMicroelectronics VND600-E Datasheet HTML 5Page - STMicroelectronics VND600-E Datasheet HTML 6Page - STMicroelectronics VND600-E Datasheet HTML 7Page - STMicroelectronics VND600-E Datasheet HTML 8Page - STMicroelectronics VND600-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5/18
VND600-E
ELECTRICAL CHARACTERISTICS (continued)
Table 8. Current Sense CURRENT SENSE (9V
≤VCC≤16V) (See fig. 6)
Note: 3. Current sense signal delay after positive input slope.
Table 9. Switching (VCC=13V)
Table 10. Logic Input (Channel 1, 2)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
K1
IOUT/ISENSE
IOUT1 or IOUT2=0.5A; VSENSE=0.5V;
other channels open; Tj= -40°C...150°C
3300
4400
6000
dK1/K1
Current Sense Ratio Drift
IOUT1 or IOUT2=0.5A; VSENSE=0.5V;
other channels open; Tj= -40°C...150°C
-10
+10
%
K2
IOUT/ISENSE
IOUT1 or IOUT2=5A; VSENSE=4V; other
channels open; Tj=-40°C
Tj=25°C...150°C
4200
4400
4900
4900
6000
5750
dK2/K2
Current Sense Ratio Drift
IOUT1 or IOUT2=5A; VSENSE=4V; other
channels open; Tj=-40°C...150°C
-6
+6
%
K3
IOUT/ISENSE
IOUT1 or IOUT2=15A; VSENSE=4V; other
channels open; Tj=-40°C
Tj=25°C...150°C
4200
4400
4900
4900
5500
5250
dK3/K3
Current Sense Ratio Drift
IOUT1 or IOUT2=15A; VSENSE=4V; other
channels open; Tj=-40°C...150°C
-6
+6
%
VSENSE1,2
Max analog sense
output voltage
VCC=5.5V; IOUT1,2=2.5A; RSENSE=10kΩ
VCC>8V, IOUT1,2=5A; RSENSE=10kΩ
2
4
V
V
VSENSEH
Analog sense output
voltage in overtemperature
condition
VCC=13V; RSENSE=3.9kΩ
5.5
V
RVSENSEH
Analog Sense Output
Impedance in
Overtemperature Condition
VCC=13V; Tj>TTSD; All channels Open
400
Ω
tDSENSE
Current sense delay
response
to 90% ISENSE (see note 3)
500
µs
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
td(on)
Turn-on delay time
RL=2.6Ω (see figure 6)
30
µs
td(off)
Turn-on delay time
RL=2.6Ω (see figure 6)
30
µs
(dVOUT/dt)on Turn-on voltage slope
RL=2.6Ω (see figure 6)
See
relative
diagram
V
/µs
(dVOUT/dt)off Turn-off voltage slope
RL=2.6Ω (see figure 6)
See
relative
diagram
V
/µs
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VIL
Input low level voltage
1.25
V
IIL
Low level input current
VIN=1.25V
1
µA
VIH
Input high level voltage
3.25
V
IIH
High level input current
VIN=3.25V
10
µA
VI(hyst)
Input hysteresis voltage
0.5
V
VICL
Input clamp voltage
IIN=1mA
IIN=-1mA
6
6.8
-0.7
8V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com