Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F616-E/PSQTP Datasheet(PDF) 65 Page - Cirrus Logic

Part # PIC16F616-E/PSQTP
Description  14-Pin Flash-Based, 8-Bit CMOS Microcontrollers
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PIC16F616-E/PSQTP Datasheet(HTML) 65 Page - Cirrus Logic

Back Button PIC16F616-E/PSQTP Datasheet HTML 61Page - Cirrus Logic PIC16F616-E/PSQTP Datasheet HTML 62Page - Cirrus Logic PIC16F616-E/PSQTP Datasheet HTML 63Page - Cirrus Logic PIC16F616-E/PSQTP Datasheet HTML 64Page - Cirrus Logic PIC16F616-E/PSQTP Datasheet HTML 65Page - Cirrus Logic PIC16F616-E/PSQTP Datasheet HTML 66Page - Cirrus Logic PIC16F616-E/PSQTP Datasheet HTML 67Page - Cirrus Logic PIC16F616-E/PSQTP Datasheet HTML 68Page - Cirrus Logic PIC16F616-E/PSQTP Datasheet HTML 69Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 172 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS41288A-page 63
PIC16F616/16HV616
8.11
Comparator Hysteresis
Each comparator has built-in hysteresis that is user
enabled by setting the C1HYS or C2HYS bits of the
CM2CON1 register. The hysteresis feature can help
filter noise and reduce multiple comparator output
transitions when the output is changing state.
Figure 8-9 shows the relationship between the analog
input levels and digital output of a comparator with and
without hysteresis. The output of the comparator
changes from a low state to a high state only when the
analog voltage at VIN+ rises above the upper hysteresis
threshold (VH+). The output of the comparator changes
from a high state to a low state only when the analog
voltage at VIN+ falls below the lower hysteresis
threshold (VH-).
FIGURE 8-9:
COMPARATOR HYSTERESIS
–
+
VIN+
VIN-
Output
Note:
The black areas of the comparator output represents the uncertainty due to input offsets and response time.
VH-
VH+
VIN-
V+
VIN+
Output
(Without Hysteresis)
Output
(With Hysteresis)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com