Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC12F510-I/SPSQTP Datasheet(PDF) 12 Page - Microchip Technology

Part # PIC12F510-I/SPSQTP
Description  8/14-Pin, 8-Bit Flash Microcontroller
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F510-I/SPSQTP Datasheet(HTML) 12 Page - Microchip Technology

Back Button PIC12F510-I/SPSQTP Datasheet HTML 8Page - Microchip Technology PIC12F510-I/SPSQTP Datasheet HTML 9Page - Microchip Technology PIC12F510-I/SPSQTP Datasheet HTML 10Page - Microchip Technology PIC12F510-I/SPSQTP Datasheet HTML 11Page - Microchip Technology PIC12F510-I/SPSQTP Datasheet HTML 12Page - Microchip Technology PIC12F510-I/SPSQTP Datasheet HTML 13Page - Microchip Technology PIC12F510-I/SPSQTP Datasheet HTML 14Page - Microchip Technology PIC12F510-I/SPSQTP Datasheet HTML 15Page - Microchip Technology PIC12F510-I/SPSQTP Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 114 page
background image
PIC12F510/16F506
DS41268B-page 10
Preliminary
© 2006 Microchip Technology Inc.
FIGURE 3-1:
PIC12F510 SERIES BLOCK DIAGRAM
Flash
Program
Memory
10-11
Data Bus
8
12
Program
Bus
Instruction Reg
Program Counter
RAM
File
Registers
Direct Addr
5
RAM Addr
9
Addr MUX
Indirect
Addr
FSR Reg
STATUS Reg
MUX
ALU
W Reg
Device Reset
Power-on
Reset
Watchdog
Timer
Instruction
Decode &
Control
Timing
Generation
OSC1/CLKIN
MCLR
VDD, VSS
Timer0
GPIO
8
8
GP4
GP3
GP2
GP1/ICSPCLK
GP0/ICSPDAT
5-7
3
GP5
STACK 1
STACK 2
Internal RC
Clock
1K x 12
38 bytes
Timer
Comparator
8-bit ADC
C1IN+
C1IN-
C1OUT
AN0
AN1
AN2
VREF
OSC2
T0CKI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com