Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

N02L163WC2AB Datasheet(PDF) 9 Page - NanoAmp Solutions, Inc.

Part # N02L163WC2AB
Description  2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANOAMP [NanoAmp Solutions, Inc.]
Direct Link  http://www.nanoamp.com
Logo NANOAMP - NanoAmp Solutions, Inc.

N02L163WC2AB Datasheet(HTML) 9 Page - NanoAmp Solutions, Inc.

Back Button N02L163WC2AB Datasheet HTML 3Page - NanoAmp Solutions, Inc. N02L163WC2AB Datasheet HTML 4Page - NanoAmp Solutions, Inc. N02L163WC2AB Datasheet HTML 5Page - NanoAmp Solutions, Inc. N02L163WC2AB Datasheet HTML 6Page - NanoAmp Solutions, Inc. N02L163WC2AB Datasheet HTML 7Page - NanoAmp Solutions, Inc. N02L163WC2AB Datasheet HTML 8Page - NanoAmp Solutions, Inc. N02L163WC2AB Datasheet HTML 9Page - NanoAmp Solutions, Inc. N02L163WC2AB Datasheet HTML 10Page - NanoAmp Solutions, Inc. N02L163WC2AB Datasheet HTML 11Page - NanoAmp Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
(DOC# 14-02-013 REV G ECN# 01-1270)
9
The specifications of this device are subject to change without notice. For latest documentation see http://www.nanoamp.com.
NanoAmp Solutions, Inc.
N02L163WC2A
44-Lead TSOP II Package (T44)
Note:
1. All dimensions in inches (Millimeters)
2. Package dimensions exclude molding flash
18.41±0.13
10.16±0.13
SEE DETAIL B
1.10±0.15
11.76±0.20
0.45
0.30
0.80mm REF
DETAIL B
0.80mm REF
0o-8o
0.20
0.00



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com