Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICS932S200YF-T Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS932S200YF-T
Description  Frequency Timing Generator for Dual Server/Workstation Systems
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS932S200YF-T Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS932S200YF-T Datasheet HTML 1Page - Integrated Circuit Systems ICS932S200YF-T Datasheet HTML 2Page - Integrated Circuit Systems ICS932S200YF-T Datasheet HTML 3Page - Integrated Circuit Systems ICS932S200YF-T Datasheet HTML 4Page - Integrated Circuit Systems ICS932S200YF-T Datasheet HTML 5Page - Integrated Circuit Systems ICS932S200YF-T Datasheet HTML 6Page - Integrated Circuit Systems ICS932S200YF-T Datasheet HTML 7Page - Integrated Circuit Systems ICS932S200YF-T Datasheet HTML 8Page - Integrated Circuit Systems ICS932S200YF-T Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
ICS932S200
0427C—07/03/02
Power Management Requirements:
Note:
1. Clock on/off latency is defined in the number of rising edges of free running PCICLKs between the clock disable goes
low/high to the first valid clock comes out of the device.
2. Power up latency is when PWR_DWN# goes inactive (high to when the first valid clocks are dirven from the device.
l
a
g
n
i
Se
t
a
t
S
l
a
g
n
i
S
y
c
n
e
t
a
L
f
o
s
e
g
d
e
g
n
i
s
i
r
f
o
.
o
N
K
L
C
I
C
P
P
O
T
S
_
U
P
C
)
d
e
l
b
a
s
i
d
(
01
)
d
e
l
b
a
n
e
(
11
#
P
O
T
S
_
I
C
P
)
d
e
l
b
a
s
i
d
(
01
)
d
e
l
b
a
n
e
(
11
#
D
P
)
n
o
i
t
a
r
e
p
o
l
a
m
r
o
n
(
1S
m
3
)
n
w
o
d
r
e
w
o
p
(
0.
x
a
m
2
CPU_STOP# Timing Diagram
CPU_STOP# is an asynchronous input to the clock synthesizer. It is used to turn off the CPU and 3V66 clocks for
low power operation. CPU_STOP# is asserted asynchronously by the external clock control logic with the rising edge
of free running PCI clock (and hence CPU clock) and must be internally synchronized to the external output. All other
clocks will continue to run while the CPU clocks are disabled. The CPU clocks must always be stopped in a low state
and started in such a manner as to guarantee that the high pulse width is a full pulse.
Notes:
1. All timing is referenced to the internal CPUCLK.
2. The internal label means inside the chip and is a reference only.
This in fact may not be the way that the control is designed.
3. 3V66 clocks also stop/start before
4. PD# and PCI_STOP# are shown in a high state.
5. Diagrams shown with respect to 133MHz. Similar operation when
CPU is 100MHz
CPUCLK
(internal)
(internal)
(externall)
(externall)
PCICLK
PCI_STOP#
CPU_STOP#
PD#
CPUCLK
3V66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com