Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ALD4702DB Datasheet(PDF) 6 Page - Advanced Linear Devices

Part # ALD4702DB
Description  QUAD 5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD4702DB Datasheet(HTML) 6 Page - Advanced Linear Devices

  ALD4702DB Datasheet HTML 1Page - Advanced Linear Devices ALD4702DB Datasheet HTML 2Page - Advanced Linear Devices ALD4702DB Datasheet HTML 3Page - Advanced Linear Devices ALD4702DB Datasheet HTML 4Page - Advanced Linear Devices ALD4702DB Datasheet HTML 5Page - Advanced Linear Devices ALD4702DB Datasheet HTML 6Page - Advanced Linear Devices ALD4702DB Datasheet HTML 7Page - Advanced Linear Devices ALD4702DB Datasheet HTML 8Page - Advanced Linear Devices ALD4702DB Datasheet HTML 9Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
ALD4702A/ALD4702B
Advanced Linear Devices
6 of 9
ALD4702
TYPICAL APPLICATIONS
RAIL-TO-RAIL WAVEFORM
RAIL-TO-RAIL VOLTAGE FOLLOWER/BUFFER
WIEN BRIDGE OSCILLATOR (RAIL-TO -RAIL)
SINE WAVE GENERATOR
RAIL-TO-RAIL VOLTAGE COMPARATOR
-
+
OUTPUT
50K
0.1µF
+5V
10M
VIN
+5V
LOW OFFSET SUMMING AMPLIFIER
PHOTO DETECTOR CURRENT
TO VOLTAGE CONVERTER
OUTPUT
INPUT 1
INPUT 2
-
+
+2.5V
.01µF
.01µF
- 2.5V
GAIN = 5
CL = 4000pF
* Circuit Drives Large Load
Capacitance ≤ 4000pF
10K
10K
50K
+
-
+2.5V
-2.5V
RF = 5M
RL = 10K
VOUT = I x RF
I
PHOTODIODE
10K
-
+
OUTPUT
10K
10K
+2.5V
-2.5V
.01µF
1
2πRC
f =
~ 1.6KHz
C = .01µF
R = 10K
* See rail to rail waveform
~
0V
+5V
OUTPUT
0V
+5V
INPUT
-
+
OUTPUT
VIN
5V
CL
RL =10KΩ
0.1µF
~
ZIN = 1012Ω
400pF
* See rail to rail waveform
0 ≤ VIN ≤ 5V
Performance waveforms.
Upper trace is the output of a
Wien Bridge Oscillator. Lower
trace is the output of Rail-to-Rail
voltage follower.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com