Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1844390 Datasheet(PDF) 13 Page - PHOENIX CONTACT

Part # 1844390
Description  Panel feed-through terminal block - PWO 16-UW/S
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1844390 Datasheet(HTML) 13 Page - PHOENIX CONTACT

Back Button 1844390 Datasheet HTML 6Page - PHOENIX CONTACT 1844390 Datasheet HTML 7Page - PHOENIX CONTACT 1844390 Datasheet HTML 8Page - PHOENIX CONTACT 1844390 Datasheet HTML 9Page - PHOENIX CONTACT 1844390 Datasheet HTML 10Page - PHOENIX CONTACT 1844390 Datasheet HTML 11Page - PHOENIX CONTACT 1844390 Datasheet HTML 12Page - PHOENIX CONTACT 1844390 Datasheet HTML 13Page - PHOENIX CONTACT 1844390 Datasheet HTML 14Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Zack Marker strip, flat
Zack Marker strip, flat - ZBF 12:UNBEDRUCKT - 0809735
https://www.phoenixcontact.com/us/products/0809735
Zack Marker strip, flat, Strip, white, unlabeled, can be labeled with: PLOTMARK,
CMS-P1-PLOTTER, mounting type: snapped, for terminal block width: 12 mm,
lettering field size: 5.15 x 12.15 mm, Number of individual labels: 5
Screwdriver
Screwdriver - SZF 2-0,8X4,0 - 1204520
https://www.phoenixcontact.com/us/products/1204520
Actuation tool, for ST terminal blocks, also suitable for use as a bladed
screwdriver, size: 0.8 x 4.0 x 100 mm, 2-component grip, with non-slip grip
Panel feed-through terminal block - PWO 16-UW/S
1844390
https://www.phoenixcontact.com/us/products/1844390
Jun 29, 2022, 6:27 AM
Page 13 (14)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com