Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CSW26323 Datasheet(PDF) 1 Page - DAICO Industries, Inc.

Part # CSW26323
Description  Diode SP2T
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.

CSW26323 Datasheet(HTML) 1 Page - DAICO Industries, Inc.

  CSW26323 Datasheet HTML 1Page - DAICO Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DA I C O Industr ies
128
310.507.3242 • FAX 310.507.5701 • www.daico.com
SP2T
MODEL NUMBER
CSW26323
FEATURES
• 8000-12000 MHz
• Space Application
• Hermetic Package
• Radiation Tolerant, 100 K Rad
• Connectorized
Diode SP2T


Similar Part No. - CSW26323

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
CSW26252 DAICO-CSW26252 Datasheet
137Kb / 1P
SWITCH SP2T
More results

Similar Description - CSW26323

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
DS0613 DAICO-DS0613 Datasheet
157Kb / 1P
PIN Diode SP2T
CDS0622 DAICO-CDS0622 Datasheet
156Kb / 1P
PIN Diode SP2T
CDS0667 DAICO-CDS0667 Datasheet
155Kb / 1P
PIN Diode SP2T
CDS0912 DAICO-CDS0912 Datasheet
163Kb / 1P
PIN Diode SP2T
CDS0979 DAICO-CDS0979 Datasheet
144Kb / 1P
PIN Diode SP2T
DS0052 DAICO-DS0052 Datasheet
53Kb / 1P
PIN Diode SP2T
DS0612 DAICO-DS0612 Datasheet
165Kb / 1P
Pin Diode SP2T
DS0880 DAICO-DS0880 Datasheet
152Kb / 1P
PIN Diode SP2T
DS0966-1 DAICO-DS0966-1 Datasheet
156Kb / 1P
PIN Diode SP2T
DSW26176 DAICO-DSW26176 Datasheet
170Kb / 1P
Diode SP2T
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com