Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATFC109D Datasheet(PDF) 5 Page - Analog Technologies, Inc.

Part # ATFC109D
Description  Digital TEC/Fan Controller
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.

ATFC109D Datasheet(HTML) 5 Page - Analog Technologies, Inc.

  ATFC109D Datasheet HTML 1Page - Analog Technologies, Inc. ATFC109D Datasheet HTML 2Page - Analog Technologies, Inc. ATFC109D Datasheet HTML 3Page - Analog Technologies, Inc. ATFC109D Datasheet HTML 4Page - Analog Technologies, Inc. ATFC109D Datasheet HTML 5Page - Analog Technologies, Inc. ATFC109D Datasheet HTML 6Page - Analog Technologies, Inc. ATFC109D Datasheet HTML 7Page - Analog Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
1161 Ringwood Ct, #110, San Jose, CA 95131, U. S. A. Tel.: (408) 748-9100, Fax: (408) 770-9187
www.analogtechnologies.com
Copyrights 2000-2022, Analog Technologies, Inc. All Rights Reserved. Updated on 1/29/2022
5
Analog Technologies
ATFC109D
Digital TEC/Fan Controller
Table 2. Fault code interpretation
SPECIFICATIONS
Table 3. Characteristics
Parameter
Value
Parameter
Value
Input voltage
20V/DC
±1%
Temperature tCP
0
°C to 35°C
Max. input current
15A
Temperature TUOTL
25
°C to 40°C
Output voltage for TEC
20V/DC
±1%
Temperature TLOTL
−10°C to 10°C
Max. output current for TEC
15A
Temperature accuracy
±1°C
Output voltage of fan
20V/DC
±1%
Operating temp. range
−20°C to 85°C
(
−4°F to +185°F)
Max. output current of fan
3.2A
One controller assembly includes: 1 PCB assembly, 2 terminal blocks, 3 IC ports, 3 buttons, 1 digital display tube, and 13
LEDs. Pin functions of the terminal blocks and IC ports are shown in Table 4.
Table 4. Pin functions
Terminal
Block
Pin
#
Pin
Name
Description
Type
Terminal 1
1
TEC+
TEC positive terminal
Output
2
PGND
Signal ground
Input
3
VPS
Power ground
Input
4
TEC
−
TEC negative terminal
Output
Terminal 2
1
FAN
−
Fan negative terminal
Output
2
FAN+
Fan positive terminal
Output
IC port 1
IC1
The cold plate temperature sensor input
Input
IC port 2
IC2
The heatsink temperature sensor input
Input
IC port 3
IC3
The chamber temperature sensor input
Input
Fault #
Fault Name
Description
1
Cold Plate Temperature too low
Cold Plate Temperature < Lower Object Temperature Limit
2
Cold Plate Temperature too high
Cold Plate Temperature > Upper Object Temperature Limit



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com