Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT8551/MR Datasheet(PDF) 4 Page - Analog Technologies, Inc.

Part # AT8551/MR
Description  An Analog in Silicon Valleys Zero-Drift RRIO CMOS Operational Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.

AT8551/MR Datasheet(HTML) 4 Page - Analog Technologies, Inc.

  AT8551/MR Datasheet HTML 1Page - Analog Technologies, Inc. AT8551/MR Datasheet HTML 2Page - Analog Technologies, Inc. AT8551/MR Datasheet HTML 3Page - Analog Technologies, Inc. AT8551/MR Datasheet HTML 4Page - Analog Technologies, Inc. AT8551/MR Datasheet HTML 5Page - Analog Technologies, Inc. AT8551/MR Datasheet HTML 6Page - Analog Technologies, Inc. AT8551/MR Datasheet HTML 7Page - Analog Technologies, Inc. AT8551/MR Datasheet HTML 8Page - Analog Technologies, Inc. AT8551/MR Datasheet HTML 9Page - Analog Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
1161 Ringwood Ct, #110, San Jose, CA 95131, U. S. A. Tel.: (408) 748-9100, Fax:
9187
-
(408) 770
www.analogtechnologies.com
Copyrights 2000-2022, Analog Technologies, Inc. All Rights Reserved. Updated on 6/14/2022
Email: staff@analogti.com/sales@analogti.com
4
Analog Technologies
AT8551/AT8552
Zero-Drift RRIO CMOS Operational Amplifier
An Analog in Silicon Valleys
ELECTRICAL CHARACTERISTICS
Limits apply over the specified temperature range: TA = −40°C to +125°C.
(At TA = +25°C, VS =5V, RL = 10kΩ connected to VS/2, and VOUT = VS/2, unless otherwise noted.)
Table 6.
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
VCM = VS/2
TA = −40°C to +125°C
1
5
μV
Input Bias Current
IB
VCM = VS/2
TA = −40°C to +125°C
50
pA
Input Offset Current
IOS
TA = −40°C to +125°C
10
pA
Input Voltage Range
VIN
2.7
5.5
V
Common-Mode Voltage
Range
VCM
(V−) − 0.1
(V+) + 0.1
V
Common-Mode Rejection
Ratio
CMRR (V–) – 0.1V < V
CM
< (V+) + 0.1V
TA = −40°C to +125°C
110
130
dB
Offset Voltage Drift
∆VOS/∆T
TA = −40°C to +125°C
0.005
0.05
μV/°C
Channel Separation, dc
0.1
μV/V
Open-Loop Gain
AOL
RL=10kΩ, VO=0.3V to 4.7V
TA = −40°C to +125°C
110
130
dB
INPUT CAPACITANCE
Differential
1
pF
Common-Mode
5
pF
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
RL = 100kΩ to GND
TA = −40°C to +125°C
4.99
4.998
V
RL = 10kΩ to GND
TA = −40°C to +125°C
4.95
4.98
V
Output Voltage Low
VOL
RL = 100kΩ to V+
TA = −40°C to +125°C
1
10
mV
RL = 10kΩ to V+
TA = −40°C to +125°C
10
30
mV
Output Short-Circuit Limit
Current
ISC
TA = −40°C to +125°C
50
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com