Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATLS2A201D-PD Datasheet(PDF) 4 Page - Analog Technologies, Inc.

Part # ATLS2A201D-PD
Description  Constant Current Laser Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.

ATLS2A201D-PD Datasheet(HTML) 4 Page - Analog Technologies, Inc.

  ATLS2A201D-PD Datasheet HTML 1Page - Analog Technologies, Inc. ATLS2A201D-PD Datasheet HTML 2Page - Analog Technologies, Inc. ATLS2A201D-PD Datasheet HTML 3Page - Analog Technologies, Inc. ATLS2A201D-PD Datasheet HTML 4Page - Analog Technologies, Inc. ATLS2A201D-PD Datasheet HTML 5Page - Analog Technologies, Inc. ATLS2A201D-PD Datasheet HTML 6Page - Analog Technologies, Inc. ATLS2A201D-PD Datasheet HTML 7Page - Analog Technologies, Inc. ATLS2A201D-PD Datasheet HTML 8Page - Analog Technologies, Inc. ATLS2A201D-PD Datasheet HTML 9Page - Analog Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
1161 Ringwood Ct, #110, San Jose, CA 95131, U. S. A. Tel.: (408) 748-9100, Fax: (408) 770-9187
www.analogtechnologies.com
Copyrights 2000-2022, Analog Technologies, Inc. All Rights Reserved. Updated on 1/18/2022
Email: staff@analogti.com/sales@analogti.com
4
Analog Technologies
ATLS2A201D
Constant Current Laser Driver
Figure 4.1 and 4.2 shows a typical stand-alone application
circuit.
In Figure 4.1 and 4.2, the switch S1 is external shut down
switch, it can turn on and off the driver with the SDN pin
high and lower respectively, at the internal chip control
input: >1.4V = enable, <0.95V = shut down, normal
threshold voltage = 1.2V. The switch S1 can also be an
electronic switch, such as an I/O pin of a micro-driver, with
an either open drain or push/pull output. See Figure 5. If not
using a switch (S1) to control the laser, leave the SDN pin
unconnected.
In Figure 4.1, the LED D1 is used to indicating laser diode
status. When LDGD pin is high, >2V, the laser diode control
loop is working properly. When LDGD pin is low, <0.3V, the
laser diode is bad, or there is a short or open circuit at the laser
diode. The LDGD pin can also be connected to a digital input
pin of a micro-driver, when software/firmware is utilized in the
system. See Figure 5.
Figure 5 shows a typical micro-processor-based application
circuit.
To ADC & DAC
To ADC
To ADC
To micro-controller
To signal GND
To power GND
+5V
LIO
6
VPS
12
PGND
10
LIGD
8
LDA
9
GND
3
2.5VR
4
LIS
5
PGND
11
GND
7
LDGD
2
SDN
1
Laser Driver
To DAC
To signal GND
To micro-controller
A
K
Laser diode
D2
Figure 5. A Typical Micro-processor-based Application
In Figure 4.1, the adjustable resistor W1 is used to setting the
output current. Setting LIS from 0V to 2.5V will set the laser
current from 0A to 2A linearly.
The laser diode D2 is connected between LDA and LDC. It is
worth mentioning that the power supply return terminal
should be connected to the pin 11 PGND and the cathode of
the laser diode should be connected to the pin 10 LDC. These
2 nodes should not be connected together externally and they
are connected together internally already by the driver.
Typical Characteristic
The curve of the VVPS vs. VLDAMAX is shown as below, when
the VVPS equals to 3.1V, 3.3V, 5V and 6V, the corresponding
VLDAMAX is 2.6V, 2.8V, 4.28V and 5.37V respectively.
VPS vs. LDAmax
VPS(V)
Figure 6. VVPS vs. VLDAMAX
Figure 7 shows the relationship between Pin VPS and LDA.
VVPS (V)
VLDAMAX
VLDAMIN
Normal
Operation
Region
IMAX = 2A
3.3
5
0.2
4.4
2.6
VLDA
(V)
Figure 7. VVPS vs. VLDA
Turning the Driver On and Off
The driver can be turned on and off by setting the SDN pin
high and lower respectively. It is recommended to turn the
driver on by this sequence:
To turn on: turn on the power by providing the power supply
voltage to the driver, turn on the driver by releasing the SDN
pin.
To turn off: turn off the driver by lowering the voltage of
SDN pin, turn off the power by stopping the voltage supply
on the VPS pin.
When not controlling by the SDN pin: leave it unconnected
and turn on and off the driver by the power supply.
LDC
3.1 3.3
5
6
2.6
2.8
4.28
5.37
VVPS vs. VLDAMAX
VVPS (V)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com