Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATLS2A212D Datasheet(PDF) 2 Page - Analog Technologies, Inc.

Part # ATLS2A212D
Description  High Voltage Constant Current 2A Laser Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.

ATLS2A212D Datasheet(HTML) 2 Page - Analog Technologies, Inc.

  ATLS2A212D Datasheet HTML 1Page - Analog Technologies, Inc. ATLS2A212D Datasheet HTML 2Page - Analog Technologies, Inc. ATLS2A212D Datasheet HTML 3Page - Analog Technologies, Inc. ATLS2A212D Datasheet HTML 4Page - Analog Technologies, Inc. ATLS2A212D Datasheet HTML 5Page - Analog Technologies, Inc. ATLS2A212D Datasheet HTML 6Page - Analog Technologies, Inc. ATLS2A212D Datasheet HTML 7Page - Analog Technologies, Inc. ATLS2A212D Datasheet HTML 8Page - Analog Technologies, Inc. ATLS2A212D Datasheet HTML 9Page - Analog Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
1161 Ringwood Ct, #110, San Jose, CA 95131, U. S. A. Tel.: (408) 748-9100, Fax: (408) 770-9187
www.analogtechnologies.com
Copyrights 2000-2022, Analog Technologies, Inc. All Rights Reserved. Updated on 7/4/2022
Email: staff@analogti.com/sales@analogti.com
2
Analog Technologies
ATLS2A212
High Voltage Constant Current 2A Laser Driver
For noise sensitive applications, please be aware that this
laser driver has very low noise between DC to 10kHz, but a
little high ripple output voltage, sine-wave, 4mVP-P, at the
switching frequency, 500kHz.
Figure 2 is the top view of the ATLS2A212, which also shows
the pin names and locations. Its thickness is 4.5mm. The pin
functions and specifications are described in Table 1 below.
Figure 2. Pin Names and Locations
Table 1. Pin Function Descriptions
Pin
#
Name
Type
Description
1
LPGD
Digital Output
Loop Good indication. When the laser driver's output current equals to the set-point current
value, and there is no short nor open circuit at the output, this pin is pulled up high by an
internal 3k
Ω resistor to an internal 4V power supply as shown in Figure 3; when the output
current is not equal to the set-point current, such as there is an open circuit at the output, or
the load has too high a resistance that even the output voltage reaches the power supply
voltage, the output current is still lower than the set-point value, this pin is pulled low by an
open drain MOSFET of which Rdson<500
Ω. When outputting the low value, the sinking
capability is <0.5V at 1mA.
2
SBDN
Analog/Digital
Input
Standby and Shutdown Control. This pin has 3 states: between 0V
∼ 0.4V, it shuts down
the entire laser driver; between 2.1V
∼ 2.4V, it sets the laser driver to standby mode;
between 2.6V
∼ 15V, it sets the laser driver to operation mode. The input current on this
pin is <2µA.
3
PCN
Digital Input
Pulse Control input. This pin toggles the laser output current to change between the pre-set
two values: a low value set by the LISL pin @ PCN = 0V
∼ 0.4V and a high value set by
the LISH pin @ PCN = 1.4V
∼ 4V. This PCN pin is pulled high to an internal 4V rail by a
1M
Ω resistor and there is a serial 100kΩ resistor between PCN and the electronic switch,
see Figure 3. Between 0V
∼ 4V, the pull up resistor causes most of the current on this pin,
the electronic switch input current is < ±1µA. The maximum voltage on this pin is 16V, at
which the pull down current will be caused by the serial 100k
Ω clamped by an over voltage
protector of 5V, the current will be (16V
−5V)/100kΩ = 110µA.
The rise and fall time of the output is 28µS when PCN pin is switched.
4
GND
Signal Ground
Signal Ground pin. Connect ADC and DAC grounds to here. When using POTs
(potentiometer) to set the output currents, connect the ground terminal of the POTs to here.
See Figure 6.
5
2.5VR
Analog Output
Voltage Reference2.5V output. It can source and sink up to 10mA output current, with a
very low 5
μVP-P noise between 0.1Hz to 10Hz and <6ppm/°C stability. Under Standby
Mode, this pin is still working.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com