Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATLS3A201D Datasheet(PDF) 6 Page - Analog Technologies, Inc.

Part # ATLS3A201D
Description  Constant Current Laser Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.

ATLS3A201D Datasheet(HTML) 6 Page - Analog Technologies, Inc.

  ATLS3A201D Datasheet HTML 1Page - Analog Technologies, Inc. ATLS3A201D Datasheet HTML 2Page - Analog Technologies, Inc. ATLS3A201D Datasheet HTML 3Page - Analog Technologies, Inc. ATLS3A201D Datasheet HTML 4Page - Analog Technologies, Inc. ATLS3A201D Datasheet HTML 5Page - Analog Technologies, Inc. ATLS3A201D Datasheet HTML 6Page - Analog Technologies, Inc. ATLS3A201D Datasheet HTML 7Page - Analog Technologies, Inc. ATLS3A201D Datasheet HTML 8Page - Analog Technologies, Inc. ATLS3A201D Datasheet HTML 9Page - Analog Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
1161 Ringwood Ct, #110, San Jose, CA 95131, U. S. A. Tel.: (408) 748-9100, Fax: (408) 770-9187
www.analogtechnologies.com
Copyrights 2000-2022, Analog Technologies, Inc. All Rights Reserved. Updated on 1/18/2022
Email: staff@analogti.com/sales@analogti.com
6
Analog Technologies
ATLS3A201D
Constant Current Laser Driver
thermally conductive. One of such products is the
T-flex 200 filler sheet made by Lairdtech, the available
thickness is between 1mm to 4mm. More detail technical data
about this material can be found here: www.lairdtech.com.
To minimize the power consumed by the driver, VPS can be
set to such as a value that the maximum LDA voltage is
enough to cover the maximum forward voltage of the laser
diode. The maximum forward voltage of the laser diodes can
be found from the laser diodes’ datasheets.
Using a 3.3V power supply is enough for certain wavelength
laser diodes, while shorter wavelength laser diodes may
require 5V power supply. However, using a 3.3V power
supply results in a much lower power consumption by the
driver than using a 5V power supply.
First Time Power Up
Laser diode is a high value and vulnerable device. Faults in
connections and damages done to the driver during soldering
process may damage the laser diode permanently.
To protect the laser diode, it is highly recommend to use 3 to 4
regular diodes of >6A to form a “dummy laser” and insert it in
the place of the real laser diode, when powering up the driver
for the first time. Use an oscilloscope to monitor the LDA
voltage at times of powering up and enabling the shutdown
pin, and powering down the laser driver and turning off the
shutdown pin, and make sure that there is not over-shoot in
output voltage at the LDA pin. At the same time, use an
ammeter in serious with the dummy laser, to make sure that
the output current is correct.
After thorough checking and making sure free of faults in the
system, disconnect the dummy laser diode and connect the
real laser diode in place.
Driving High Voltage Laser Diodes
Some laser diodes have high forward voltage, such as 7V,
while the laser driver ATLS3A201D has a maximum output
voltage of 4V. This section tells a way to drive such laser
diodes by using this laser driver.
The schematic is show as in Figure 10. Where Power Supply
1 is the power supply for the laser driver, Power Supply 2 is
for increasing the laser driver's maximum output voltage.
Please notice that the power on sequence has to be in this way:
turn on Power Supply 1, turn on Power Supply 2, then turn on
the laser driver by driving SDN (Shutdown) pin to logic high.
The sequence for turning off the laser circuit is: turn off the
SDN pin by pulling it down to the logic low, turn off Power
Supply 1, then, turn off power supply 2.
To make sure the circuit works ok: turn on the laser, measure
LDA voltage, it should be between 1V to 3V, at room
temperature, the ideal LDA voltage is around 2V.
Figure 9. IOUT vs. Output Current Noise@0.1Hz~10Hz



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com