Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATLS3A201D-PD Datasheet(PDF) 9 Page - Analog Technologies, Inc.

Part # ATLS3A201D-PD
Description  Constant Current Laser Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.

ATLS3A201D-PD Datasheet(HTML) 9 Page - Analog Technologies, Inc.

  ATLS3A201D-PD Datasheet HTML 1Page - Analog Technologies, Inc. ATLS3A201D-PD Datasheet HTML 2Page - Analog Technologies, Inc. ATLS3A201D-PD Datasheet HTML 3Page - Analog Technologies, Inc. ATLS3A201D-PD Datasheet HTML 4Page - Analog Technologies, Inc. ATLS3A201D-PD Datasheet HTML 5Page - Analog Technologies, Inc. ATLS3A201D-PD Datasheet HTML 6Page - Analog Technologies, Inc. ATLS3A201D-PD Datasheet HTML 7Page - Analog Technologies, Inc. ATLS3A201D-PD Datasheet HTML 8Page - Analog Technologies, Inc. ATLS3A201D-PD Datasheet HTML 9Page - Analog Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
1161 Ringwood Ct, #110, San Jose, CA 95131, U. S. A. Tel.: (408) 748-9100, Fax: (408) 770-9187
www.analogtechnologies.com
Copyrights 2000-2022, Analog Technologies, Inc. All Rights Reserved. Updated on 1/18/2022
Email: staff@analogti.com/sales@analogti.com
9
Analog Technologies
ATLS3A201D
Constant Current Laser Driver
NOTE: The power supply may have overshoot, when
happens, it may exceed the maximum allowed input
voltage, 6V, of the controller and damage the controller
permanently. To avoid this from happening, do the
following:
1. Connect the controller solid well with the power supply
before turning on the power.
2. Make sure that the power supply has sufficient output
current. It is suggested that the power supply can
supply 1.2 to 1.5 times the maximum current the
controller requires.
3. When using a bench top power supply, set the current
limit to >1.5 times higher than the maximum current the
controller requires.
ORDERING INFORMATION
Table 3. Part Number
Part Number
Description
ATLS3A201D
3A constant current driver in DIP package
ATLS3A201D-PD
3A constant current driver with a pull-down resistor of 55k to the ground in SDN pin
PRICES
Table 4. Unit Price
Quantity
1
− 9 pcs
10
− 49 pcs
50
− 199 pcs
200-499 pcs
≥500 pcs
ATLS3A201D
$80.9
$77.5
$73.0
$68.6
$64.1
ATLS3A201D-PD
$80.9
$77.5
$73.0
$68.6
$64.1
NOTICE
1. ATI warrants performance of its products for one year to the specifications applicable at the time of sale, except for those
being damaged by excessive abuse. Products found not meeting the specifications within one year from the date of sale can
be exchanged free of charge.
2. ATI reserves the right to make changes to its products or to discontinue any product or service without notice, and advise
customers to obtain the latest version of relevant information to verify, before placing orders, that information being relied
on is current and complete.
3. All products are sold subject to the terms and conditions of sale supplied at the time of order acknowledgment, including
those pertaining to warranty, patent infringement, and limitation of liability. Testing and other quality control techniques are
utilized to the extent ATI deems necessary to support this warranty. Specific testing of all parameters of each device is not
necessarily performed, except those mandated by government requirements.
4. Customers are responsible for their applications using ATI components. In order to minimize risks associated with the
customers’ applications, adequate design and operating safeguards must be provided by the customers to minimize inherent
or procedural hazards. ATI assumes no liability for applications assistance or customer product design.
5. ATI does not warrant or represent that any license, either express or implied, is granted under any patent right, copyright,
mask work right, or other intellectual property right of ATI covering or relating to any combination, machine, or process in
which such products or services might be or are used. ATI’s publication of information regarding any third party’s products
or services does not constitute ATI’s approval, warranty or endorsement thereof.
6. IP (Intellectual Property) Ownership: ATI retains the ownership of full rights for special technologies and/or techniques
embedded in its products, the designs for mechanics, optics, plus all modifications, improvements, and inventions made by
ATI for its products and/or projects.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com