Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZMA-150L30EC Datasheet(PDF) 1 Page - C&K Components

Part # ZMA-150L30EC
Description  Subminiature Snap-acting Switches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

ZMA-150L30EC Datasheet(HTML) 1 Page - C&K Components

  ZMA-150L30EC Datasheet HTML 1Page - C&K Components ZMA-150L30EC Datasheet HTML 2Page - C&K Components ZMA-150L30EC Datasheet HTML 3Page - C&K Components ZMA-150L30EC Datasheet HTML 4Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
E
E–32
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ckswitches.com
ZMA Series
Subminiature Snap-acting Switches
Features/Benefits
• Reliable snap-acting mechanism
• Long electrical and mechanical life
• Compact size—Ideal when space is limited
• Various PCB terminals and actuators
• RoHS compatible & compliant
Typical Applications
• PCB detection switch
• Communication devices
• Testing equipment
• Security/Alarm systems
• Consumer electronics
Specifications
CONTACT RATING: 3A @ 125 V AC 24 V DC
1 A @125 / 250 V AC 24 V DC
0.1A @ 125 V AC 60 V DC
ELECTRICAL LIFE: 300,000 cycles @ 0.1A / 10,000 cycles @ 3A.
MECHANICAL LIFE: 1,000,000 cycles.
INSULATION RESISTANCE: 100 M ohm min.
DIELECTRIC STRENGTH: 500 Vrms.
OPERATING TEMPERATURE: –40ºC to 85ºC
OPERATING FORCE: 80 or 150 grams.
* Low Level=conditions where no arcing occurs during switching, i.e., 0.4 VA max.
@ 20 V AC or DC max.
Materials
CASE/COVER: PBT
ACTUATOR: Button nylon 6/6
MOVABLE CONTACTS: Silver alloy or gold plated
STATIONARY CONTACTS: Silver alloy or gold plated
TERMINALS: Brass, silver plated.
NOTE: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown and
described on pages J-33 through J-35. For additional options not shown in catalog, consult Customer Service Center.
Series
ZMA SP, Mom.
Operating Force
150 5.29 oz. / 150 grams
080 2.82 oz. / 80 grams
Electrical Rating
See charts below
Actuator
P00 Pin plunger
S03 Simulated roller 5.8mm
L30 Lever 20.5mm
L11 Lever 7.2mm
L08 Lever 3.95mm
A03 Roller 1.3mm
L04 Lever 3.9mm
S06 Simulated roller 2.03mm
S07 Simulated roller 0.75mm
Terminations
P PC Thru-hole
L Left-footed, PC Thru-hole
R Right-footed, PC Thru-hole
E Solder
K PC Thru-hole with rentention feature
Z M
C SPDT
C
A
14
UL61058-1
Option
Code
00A
0.1A 60 V DC
0.1A 125 V AC
0.1A 125 V AC
03A
3 A 125 V AC
3 A 125 V AC
3 A 24 V DC
3A 125 V AC
01A
1 A 24 V DC
1 A 125 / 250 V AC
1 A 24 V DC
1 A 125 / 250 V AC
UL
1054
UL
61058-1
14
Option
Code
G00
0.1A 60 V DC
0.1A 125 V AC
0.1A 125 V AC
G03
3 A 125 V AC
3 A 125 V AC
3 A 24 V DC
3A 125 V AC
G01
1 A 24 V DC
1 A 125 / 250 V AC
1 A 24 V DC
1 A 125 / 250 V AC
UL
1054
UL
61058-1
14
Silver Contacts
Gold Plated Contacts
0.1A 60 V DC
0.1A 125 V AC
0.1A 60 V DC
0.1A 125 V AC


Similar Part No. - ZMA-150L30EC

ManufacturerPart #DatasheetDescription
logo
C&K Components
ZMA CK-COMPONENTS-ZMA Datasheet
210Kb / 4P
Subminiature Snap-acting Switches
ZMA CK-COMPONENTS-ZMA Datasheet
442Kb / 4P
Mini Size Snap-acting Switches
31 May 21
logo
ITT Industries
ZMA00A080L04L ITT-ZMA00A080L04L Datasheet
274Kb / 3P
Subminiature Snap-acting Switches
ZMA00A080L04P ITT-ZMA00A080L04P Datasheet
274Kb / 3P
Subminiature Snap-acting Switches
ZMA00A080L04R ITT-ZMA00A080L04R Datasheet
274Kb / 3P
Subminiature Snap-acting Switches
More results

Similar Description - ZMA-150L30EC

ManufacturerPart #DatasheetDescription
logo
ITT Industries
ZMA00A150P00PC ITT-ZMA00A150P00PC Datasheet
274Kb / 3P
Subminiature Snap-acting Switches
ZMCJCHF7P0L0T ITT-ZMCJCHF7P0L0T Datasheet
235Kb / 3P
Subminiature Snap-acting Switches
LCGGF5P00EC ITT-LCGGF5P00EC Datasheet
273Kb / 4P
Subminiature Precision Snap-acting Switches
logo
C&K Components
LCA CK-COMPONENTS-LCA Datasheet
177Kb / 5P
Subminiature Snap-acting Switches
LCGGF5P00ECUE CK-COMPONENTS-LCGGF5P00ECUE Datasheet
1Mb / 4P
Subminiature Precision Snap-acting Switches
LCS CK-COMPONENTS-LCS Datasheet
213Kb / 4P
Subminiature Sealed Snap-acting Switches
ZMA CK-COMPONENTS-ZMA Datasheet
210Kb / 4P
Subminiature Snap-acting Switches
ZMCJF7P0T CK-COMPONENTS-ZMCJF7P0T Datasheet
179Kb / 3P
Subminiature Snap-acting Switches
ZMSM CK-COMPONENTS-ZMSM Datasheet
224Kb / 4P
Subminiature Snap-acting Switches
ZM CK-COMPONENTS-ZM Datasheet
192Kb / 3P
Subminiature Snap-acting Switches
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com