Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BZX584C Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BZX584C
Description  Small Signal Zener Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BZX584C Datasheet(HTML) 2 Page - Vishay Siliconix

  BZX584C Datasheet HTML 1Page - Vishay Siliconix BZX584C Datasheet HTML 2Page - Vishay Siliconix BZX584C Datasheet HTML 3Page - Vishay Siliconix BZX584C Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BZX584C-Series
www.vishay.com
Vishay Semiconductors
Rev. 1.8, 05-Aug-2020
2
Document Number: 85793
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1)
Pulse test tP = 10 ms
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PART NUMBER
MARKING
CODE
ZENER VOLTAGE
RANGE (1)
TEST
CURRENT
REVERSE
LEAKAGE
CURRENT
DYNAMIC
RESISTANCE
TEMPERATURE
COEFFICIENT
OF ZENER
VOLTAGE
VZ at IZT1
IZT1
IZT2
IR at VR
ZZ at IZT1
ZZK at IZT2
VZ at IZT1
V
mA
μA
V
10-4/°C
MIN.
NOM. MAX.
MAX.
MAX.
MAX.
MIN.
MAX.
BZX584C2V2
:T
2
2.2
2.4
5
1
100
1
65 (
 120) 250 ( 600)
-9
-4
BZX584C2V4
:2
2.2
2.4
2.6
5
1
50
1
70 (
 100) 275 ( 600)
-9
-4
BZX584C2V7
:3
2.5
2.7
2.9
5
1
20
1
75 (
 100) 300 ( 600)
-9
-4
BZX584C3V0
:4
2.8
3.0
3.2
5
1
10
1
80 (
 100) 325 ( 600)
-9
-3
BZX584C3V3
:5
3.1
3.3
3.5
5
1
5
1
85 (
 95)
350 (
 600)
-8
-3
BZX584C3V6
:6
3.4
3.6
3.8
5
1
5
1
85 (
 95)
375 (
 600)
-8
-3
BZX584C3V9
:7
3.7
3.9
4.1
5
1
3
1
85 (
 90)
400 (
 600)
-7
-3
BZX584C4V3
:8
4
4.3
4.6
5
1
3
1
80 (
 90)
410 (
 600)
-6
-1
BZX584C4V7
:9
4.4
4.7
5
5
1
3
2
50 (
 80)
425 (
 500)
-5
2
BZX584C5V1
:1
4.8
5.1
5.4
5
1
2
2
40 (
 60)
400 (
 480)
-3
4
BZX584C5V6
:0
5.2
5.6
6
5
1
1
2
15 (
 40)
80 (
 400)
-2
6
BZX584C6V2
5.8
6.2
6.6
5
1
3
4
6 (
 10)
40 (
 150)
-1
7
BZX584C6V8
6.4
6.8
7.2
5
1
2
4
6 (
 15)
30 (
 80)
2
7
BZX584C7V5
7
7.5
7.9
5
1
1
5
6 (
 15)
30 (
 80)
3
7
BZX584C8V2
7.7
8.2
8.7
5
1
0.7
5
6 (
 15)
40 (
 80)
4
7
BZX584C9V1
8.5
9.1
9.6
5
1
0.5
6
6 (
 15)
40 (
 100)
5
8
BZX584C10
9.4
10
10.6
5
1
0.2
7
8 (
 20)
50 (
 150)
5
8
BZX584C11
10.4
11
11.6
5
1
0.1
8
10 (
 20)
50 (
 150)
5
9
BZX584C12
11.4
12
12.7
5
1
0.1
8
10 (
 25)
50 (
 150)
6
9
BZX584C13
12.4
13
14.1
5
1
0.1
8
10 (
 30)
50 (
 170)
7
9
BZX584C15
13.8
15
15.6
5
1
0.1
8
10 (
 30)
50 (
 200)
7
9
BZX584C16
15.3
16
17.1
5
1
0.05
0.7 VZnom.
10 (
 40)
50 (
 200)
8
9.5
BZX584C18
16.8
18
19.1
5
1
0.05
0.7 VZnom.
10 (
 45)
50 (
 225)
8
9.5
BZX584C20
18.8
20
21.2
5
1
0.05
0.7 VZnom.
15 (
 55)
60 (
 225)
8
10
BZX584C22
20.8
22
23.3
5
1
0.05
0.7 VZnom.
20 (
 55)
60 (
 250)
8
10
BZX584C24
22.8
24
25.6
5
1
0.05
0.7 VZnom.
25 (
 70)
60 (
 250)
8
10
BZX584C27
25.1
27
28.9
2
0.5
0.05
0.7 VZnom.
25 (
 80)
65 (
 300)
8
10
BZX584C30
:K
28
30
32
2
0.5
0.05
0.7 VZnom.
30 (
 80)
70 (
 300)
8
10
BZX584C33
31
33
35
2
0.5
0.05
0.7 VZnom.
35 (
 80)
75 (
 325)
8
10
BZX584C36
34
36
38
2
0.5
0.05
0.7 VZnom.
35 (
 90)
80 (
 350)
8
10
1.
2.
4.
5.
7.
9.
P.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com