Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PLZ12A-HG3_A/H Datasheet(PDF) 8 Page - Vishay Siliconix

Part # PLZ12A-HG3_A/H
Description  Zener Diodes Permitting 500 mW Power Dissipation
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PLZ12A-HG3_A/H Datasheet(HTML) 8 Page - Vishay Siliconix

  PLZ12A-HG3_A/H Datasheet HTML 1Page - Vishay Siliconix PLZ12A-HG3_A/H Datasheet HTML 2Page - Vishay Siliconix PLZ12A-HG3_A/H Datasheet HTML 3Page - Vishay Siliconix PLZ12A-HG3_A/H Datasheet HTML 4Page - Vishay Siliconix PLZ12A-HG3_A/H Datasheet HTML 5Page - Vishay Siliconix PLZ12A-HG3_A/H Datasheet HTML 6Page - Vishay Siliconix PLZ12A-HG3_A/H Datasheet HTML 7Page - Vishay Siliconix PLZ12A-HG3_A/H Datasheet HTML 8Page - Vishay Siliconix PLZ12A-HG3_A/H Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
PLZ Series
www.vishay.com
Vishay Semiconductors
Rev. 1.7, 27-May-2020
8
Document Number: 84830
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
CARRIER TAPE DIMENSIONS in millimeters: MicroSMF (DO-219AC)
23166
Document no.: S8-V-3717.02-004 (4)
Created date: 26-Mar-2020
Rev.2: 05.05.2020
A-A Section
A
4 ±0.1
2 ±0.05
0.229 ±0.02
Ø 1.5
+0.10
0.00
Ø 1
+0.25
0.00
A
4 ±0.1
B
B
B-B Section
0.8 ±0.1
1.5 ±0.1
10°MAX.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com