Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATLS1A103DEV1.0 Datasheet(PDF) 7 Page - Analog Technologies, Inc.

Part # ATLS1A103DEV1.0
Description  Low Noise Constant Current Laser Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.

ATLS1A103DEV1.0 Datasheet(HTML) 7 Page - Analog Technologies, Inc.

Back Button ATLS1A103DEV1.0 Datasheet HTML 3Page - Analog Technologies, Inc. ATLS1A103DEV1.0 Datasheet HTML 4Page - Analog Technologies, Inc. ATLS1A103DEV1.0 Datasheet HTML 5Page - Analog Technologies, Inc. ATLS1A103DEV1.0 Datasheet HTML 6Page - Analog Technologies, Inc. ATLS1A103DEV1.0 Datasheet HTML 7Page - Analog Technologies, Inc. ATLS1A103DEV1.0 Datasheet HTML 8Page - Analog Technologies, Inc. ATLS1A103DEV1.0 Datasheet HTML 9Page - Analog Technologies, Inc. ATLS1A103DEV1.0 Datasheet HTML 10Page - Analog Technologies, Inc. ATLS1A103DEV1.0 Datasheet HTML 11Page - Analog Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
1161 Ringwood Ct, #110, San Jose, CA 95131, U. S. A. Tel.: (408) 748-9100, Fax: (408) 770-9187
www.analogtechnologies.com
Copyrights 2000-2022, Analog Technologies, Inc. All Rights Reserved. Updated on 1/17/2022
Email: staff@analogti.com/sales@analogti.com
7
Analog Technologies
Low Noise Constant Current Laser Controller
ATLS500MA103
For example, when the output signal equals to 2.5V, the
output current is 500mA.
The output impedance of this pin is 10
Ω and it can be used to
drive an ADC directly.
It can also be measured by a multimeter during debugging
process.
Figure 14 below shows the relations among vLIS, vLIMS and
iOUT
Figure 14. vLIS & vLIO
When vLIS ≤ vLIMS, iOUT changes with vLIS linearly; when
vLIS>vLIMS, iOUT oscillates between 0 and vLIMS.
Monitoring the Controller Internal Temperature
The controller internal temperature can be monitored by
measuring the TMPO pin voltage. The relationship between
the LMPO voltage and the temperature is:
)
(
479
.
3
8015
.
1
4182
.
2
10
04
.
1525
3
C
TMPO
T
°
−
+
+
−
=
(1)
where TMPO is the voltage on the TMPO pin.
This formula can be approximated by a linear equation:
)
(
31
.
90
7
.
192
C
TMPO
T
°
×
−
=
(2)
Within the most commonly used temperature range of
between 0
°C to 100°C, the maximum error occurs at about
1.5V, at which the temperature error between the calculated
data by using the formula (1) and the approximated data
obtained by using the linear equation (2) is about 0.4
°C, with
the linear data being a little lower. The curves of the 2 sets of
the data are plotted in Figure 16.
Please notice that the TMPO pin has a weak driving
capability: the maximum sourcing current is 1
μA and the
maximum sinking current is 40
μA.
The TMPO pin can also be used as an input control pin: when
forcing the TMPO voltage to below 0.4V, the laser controller
will be shut down.
Controller Power Consumption
The power consumption of the controller can be calculated by:
PDRIVER = IOUT
× (VVPS – VLDA),
where IOUT is the output current;
VVPS is the power supply voltage;
VLDA is the voltage across the laser diode.
When the PDRIVER exceeds 1W, a heat sink might be needed.
The best way for arranging the heat sinking for the driver is as
follows: transferring the heat by sandwiching a piece of
thermal conductive pad between the top metal surface of the
laser driver and the internal metal surface of the final product
as shown in Figure 15.1 and 15.2 below. The recommended
thickness of the thermal conductive pad in Figure 15.1 is
1~4mm, and in Figure 15.2 is 0.5mm. ATI also provides a
series of thermal conductive pads, click here for more
information.
If prefer not to use the heat sink, this is an option: lowering
the controller power consumption by reducing the power
supply voltage VVPS. Please make sure:
VVPS
≥ VLDAMAX + 1V,
where VLDAMAX is the maximum possible laser diode voltage.
Figure 15.1 Transferring Heat with Heat Sink
vLIS
(t)
2.5V
vLIO
(t)
vLIMS
vLIMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com