Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HV9921 Datasheet(PDF) 7 Page - Supertex, Inc

Part # HV9921
Description  3-Pin Switch-Mode LED Lamp Driver IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV9921 Datasheet(HTML) 7 Page - Supertex, Inc

Back Button HV9921 Datasheet HTML 2Page - Supertex, Inc HV9921 Datasheet HTML 3Page - Supertex, Inc HV9921 Datasheet HTML 4Page - Supertex, Inc HV9921 Datasheet HTML 5Page - Supertex, Inc HV9921 Datasheet HTML 6Page - Supertex, Inc HV9921 Datasheet HTML 7Page - Supertex, Inc HV9921 Datasheet HTML 8Page - Supertex, Inc HV9921 Datasheet HTML 9Page - Supertex, Inc HV9921 Datasheet HTML 10Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
HV9921/22
NR040805
7
switching currents of the converter. As a rule of
thumb, this capacitor should be approximately 0.1-
0.2
µF/W of LED output power. A recommended
input filter is shown in Figure 2 for the following
design example.
Design Example 1
Let us design an HV9921 LED lamp driver meeting
the following specifications:
Input:
Universal AC, 85-264VAC
Output Current: 20mA
Load:
String of 10 LED (LW541C by
OSRAM
VF = 4.1V max. each)
Step 1.
Calculating L1.
The output voltage VO = 10 ⋅ VF ≈ 41V (max.). Use
equation (1) assuming a 30% peak-to-peak ripple.
mH
mA
s
V
L
72
20
3
.
0
5
.
10
41
1
=
⋅
⋅
=
µ
Select L1 68mH, I=30mA. Typical SRF=170KHz.
Calculate the coil capacitance.
pF
KHz
mH
SRF
L
C
L
13
)
170
2
(
68
1
)
2
(
1
1
2
2
≈
⋅
⋅
=
⋅
⋅
=
π
π
Step 2.
Selecting D1
Usually, the reverse recovery characteristics of ultra-
fast rectifiers at IF=20~50mA are not provided in the
manufacturer’s data books. The designer may want
to experiment with different diodes to achieve the
best result.
Select D1 MUR160 with VR = 600V, trr ≈ 20ns
(IF=20mA, IRR=100mA) and CJ ≈ 8pF (VF>50V).
Step 3.
Calculating total parasitic capacitance using
(3)
pF
pF
pF
pF
pF
C
P
31
8
13
5
5
=
+
+
+
=
Step 4.
Calculating the leading edge spike duration
using (4), (5)
)
(
136
20
100
31
2
264
MIN
BLANK
SPIKE
T
ns
ns
mA
pF
V
T
<
≈
+
⋅
⋅
=
Step 5.
Estimating power dissipation in HV9921 at
264VAC using (8) and (10)
Let us assume that the overall efficiency
η = 0.7.
Switching power loss:
()
⎟
⎠
⎞
⎜
⎝
⎛
−
⋅
⋅
+
⋅
⋅
≈
7
.
0
41
264
20
100
2
31
264
5
.
10
2
1
V
V
ns
mA
pF
V
s
P
SWITCH
µ
mW
P
SWITCH
120
≈
Minimum duty ratio:
16
.
0
)
2
264
7
.
0
/(
41
≈
⋅
⋅
=
V
V
D
m
Conduction power loss:
(
)
mW
V
A
mA
P
COND
55
264
200
63
.
0
210
20
25
.
0
2
≈
⋅
⋅
+
Ω
⋅
⋅
=
µ
Total power dissipation in HV9921:
mW
mW
mW
P
TOTAL
175
55
120
=
+
=
Step 6.
Selecting input capacitor CIN
mW
mA
V
820
20
41
Power
Output
=
⋅
=
Select CIN ECQ-E4104KF by Panasonic (0.1µF,
400V, Metalized Polyester Film).
Design Example 2
Let us design an LED lamp driver using the HV9922
that would meet the following specifications:
Input:
Universal AC, 85-135VAC
Output Current: 50mA
Load:
String of 12 LED (Power TOPLED
®
by OSRAM, VF = 2.5V max. each)
Step 1.
Calculating L1.
The output voltage VO = 12 ⋅ VF = 30V (max.). Use
equation (1) assuming a 30% peak-to-peak ripple.
mH
mA
s
V
L
21
50
3
.
0
5
.
10
30
1
=
⋅
⋅
=
µ
Select L1 22mH, I=60mA. Typical SRF=270KHz.
Calculate the coil capacitance.
pF
KHz
mH
SRF
L
C
L
15
)
270
2
(
22
1
)
2
(
1
1
2
2
≈
⋅
⋅
=
⋅
⋅
=
π
π
Step 2.
Selecting D1
Select D1 MUR160 with VR = 600V, trr ≈ 50ns and CJ
≈ 8pF (VF>50V).



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com