Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BNS819-99-R-10 Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BNS819-99-R-10
Description  Mechanical Cam Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BNS819-99-R-10 Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BNS819-99-R-10 Datasheet HTML 1Page - Balluff Korea Ltd. BNS819-99-R-10 Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Mechanical Cam Switches
BNS 819-99-R-10
Order Code: BNS004P
Internet
www.balluff.com
eCl@ss 9.1: 27-27-06-01
Subject to change without notice: 185295
ETIM 6.0: EC000030
BNS004P_0.116_2022-06-11
1 / 2
1) Reference edge
Basic features
Approval/Conformity
CE
CCC
WEEE
EAC
Basic standard
IEC 60947-5-1
Operating principle
1. Switch position: Mechanical
Version
Snap contact
Display/Operation
Function indicator
1. Switch position: None
Electrical connection
Connection type
1. Switch position: Solder
connection
Electrical data
Continuous current
1. Switch position: 5 A
Rated operating voltage Ue
1. Switch position: 250 V AC
Switching function mechanical
Single-pin changeover
Switching rate
1. Switch position: 200/min
Environmental conditions
Ambient temperature
-5...85 °C
IP rating
IP67
Functional safety
B10d (EN ISO 13849-1)
BSE 69.1: 10 mil. switching
cycles
Material
Housing material
Aluminum, Anodized
Housing material, surface protection Anodized
Material contacts
1. Switch position: Silver
Plunger material
1. Switch position: Stainless steel
(1.4034)
Mechanical data
Approach direction
lateral or at right angles to
mounting surface
Approach speed
1. Switch position: 60 m/min
Dimension
40 x 20 x 43 mm
Distance cam - reference edge
1. Switch position: 2.30...2.80 mm
Flange, feed-through
None
Installation
any
Life expectancy mechanical
1. Switch position: 10 million
Switching operations
Number of switching positions
1x Roller
Plunger spacing 1st switch position
10 mm
Plunger style
1st switch position: Roller
Switch actuation force
1. Switch position: 8 N
Switching element
1. Switch position: BSE 69.1
Range/Distance
Reproducibility
1. Switch position: ±0.05 mm


Similar Part No. - BNS819-99-R-10

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BNS819-99-R-10-FC-S80 BALLUFF-BNS819-99-R-10-FC-S80 Datasheet
116Kb / 2P
Mechanical Cam Switches
1_2022-05-17
BNS819-99-R-10-S4 BALLUFF-BNS819-99-R-10-S4 Datasheet
118Kb / 2P
Mechanical Cam Switches
1.2_2022-05-17
BNS819-99-R-10-S80 BALLUFF-BNS819-99-R-10-S80 Datasheet
106Kb / 2P
Mechanical Cam Switches
1.2_2022-05-17
More results

Similar Description - BNS819-99-R-10

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BNS000A BALLUFF-BNS000A Datasheet
105Kb / 2P
Mechanical Cam Switches
0.116_2022-06-11
BNS000C BALLUFF-BNS000C Datasheet
125Kb / 2P
Mechanical Cam Switches
1.2_2022-05-17
BNS004Y BALLUFF-BNS004Y Datasheet
103Kb / 2P
Mechanical Cam Switches
0.114_2022-06-11
BNS04LT BALLUFF-BNS04LT Datasheet
121Kb / 2P
Mechanical Cam Switches
2_2022-05-17
BNS04WR BALLUFF-BNS04WR Datasheet
233Kb / 2P
Mechanical Cam Switches
1.2_2022-05-1
BNS0019 BALLUFF-BNS0019 Datasheet
111Kb / 2P
Mechanical Cam Switches
1.2_2022-05-17
BNS009J BALLUFF-BNS009J Datasheet
119Kb / 2P
Mechanical Cam Switches
4_2022-05-17
BNS009M BALLUFF-BNS009M Datasheet
129Kb / 2P
Mechanical Cam Switches
1.2_2022-05-17
BNS0469 BALLUFF-BNS0469 Datasheet
111Kb / 2P
Mechanical Cam Switches
2.2_2022-05-17
BNS0482 BALLUFF-BNS0482 Datasheet
117Kb / 2P
Mechanical Cam Switches
1_2022-05-17
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com