Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VS-ST303C Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VS-ST303C
Description  Inverter Grade Thyristors (PUK Version), 620 A
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-ST303C Datasheet(HTML) 2 Page - Vishay Siliconix

  VS-ST303C_V01 Datasheet HTML 1Page - Vishay Siliconix VS-ST303C_V01 Datasheet HTML 2Page - Vishay Siliconix VS-ST303C_V01 Datasheet HTML 3Page - Vishay Siliconix VS-ST303C_V01 Datasheet HTML 4Page - Vishay Siliconix VS-ST303C_V01 Datasheet HTML 5Page - Vishay Siliconix VS-ST303C_V01 Datasheet HTML 6Page - Vishay Siliconix VS-ST303C_V01 Datasheet HTML 7Page - Vishay Siliconix VS-ST303C_V01 Datasheet HTML 8Page - Vishay Siliconix VS-ST303C_V01 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
VS-ST303C Series
www.vishay.com
Vishay Semiconductors
Revision: 28-Aug-17
2
Document Number: 94373
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) tq = 10 μs to 20 μs for 400 V to 800 V devices; tq = 15 μs to 30 μs for 1000 V to 1200 V devices
CURRENT CARRYING CAPABILITY
FREQUENCY
UNITS
50 Hz
1314
1130
2070
1940
6930
6270
A
400 Hz
1260
1040
2190
1880
3440
2960
1000 Hz
900
700
1900
1590
1850
1540
2500 Hz
340
230
910
710
740
560
Recovery voltage Vr
50
50
50
V
Voltage before turn-on Vd
VDRM
VDRM
VDRM
Rise of on-state current dI/dt
50
-
-
A/µs
Heatsink temperature
40
55
40
55
40
55
°C
Equivalent values for RC circuit
10/0.47
10/0.47
10/0.47
/µF
ON-STATE CONDUCTION
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average on-state current
at heatsink temperature
IT(AV)
180° conduction, half sine wave
double side (single side) cooled
620 (230)
A
55 (85)
°C
Maximum RMS on-state current
IT(RMS)
DC at 25 °C heatsink temperature double side cooled
1180
A
Maximum peak, one half cycle,
non-repetitive surge current
ITSM
t = 10 ms
No voltage
reapplied
Sinusoidal half wave,
initial TJ = TJ maximum
7950
t = 8.3 ms
8320
t = 10 ms
100 % VRRM
reapplied
6690
t = 8.3 ms
7000
Maximum I2t for fusing
I2t
t = 10 ms
No voltage
reapplied
316
kA2s
t = 8.3 ms
289
t = 10 ms
100 % VRRM
reapplied
224
t = 8.3 ms
204
Maximum I2
t for fusing
I2
t
t = 0.1 to 10 ms, no voltage reapplied
3160
klA2
s
Maximum peak on-state voltage
VTM
ITM = 1255 A, TJ = TJ maximum, 
tp = 10 ms sine wave pulse
2.16
V
Low level value of threshold voltage
VT(TO)1
(16.7 % x
 x I
T(AV) < I <  x IT(AV)), TJ = TJ maximum
1.44
High level value of threshold voltage
VT(TO)2
(I >
 x I
T(AV)), TJ = TJ maximum
1.48
Low level value of forward slope resistance
rt1
(16.7 % x
 x I
T(AV) < I <  x IT(AV)), TJ = TJ maximum
0.57
m
High level value of forward slope
resistance
rt2
(I >
 x I
T(AV)), TJ = TJ maximum
0.56
Maximum holding current
IH
TJ = 25 °C, IT > 30 A
600
mA
Typical latching current
IL
TJ = 25 °C, VA = 12 V, Ra = 6 , IG = 1 A
1000
SWITCHING
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum non-repetitive rate of rise
of turned on current
dI/dt
TJ = TJ maximum, VDRM = Rated VDRM
ITM = 2 x dI/dt
1000
A/μs
Typical delay time
td
TJ = 25 °C, VDM = Rated VDRM, ITM = 50 A DC, tp = 1 μs
Resistive load, gate pulse: 10 V, 5
 source
0.83
μs
Maximum turn-off time (1)
minimum
tq
TJ = TJ maximum, 
ITM = 550 A, commutating dI/dt = 40 A/μs
VR = 50 V, tp = 500 μs, dV/dt: see table in device code
10
maximum
30
180° el
I
TM
180° el
I
TM
100 µs
I
TM



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com