Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UMB05F Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # UMB05F
Description  Ultra Miniature Glass Passivated Single-Phase Surface Mount Flat Bridge Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

UMB05F Datasheet(HTML) 2 Page - Rectron Semiconductor

  UMB05F Datasheet HTML 1Page - Rectron Semiconductor UMB05F Datasheet HTML 2Page - Rectron Semiconductor UMB05F Datasheet HTML 3Page - Rectron Semiconductor UMB05F Datasheet HTML 4Page - Rectron Semiconductor UMB05F Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
1
Fig.1 Forward Current
Derating Curve
25
Fig.2 Maximum Non-Repetitive Peak
Forward Surge Current
0.2
0.4
0.6
0.8
Glass Epoxy P.C.B
Al Substrate
5
10
15
20
8.3mS single half
sine-wave
Fi 3 Ti
l I
tt
F
d
0
0
25
50
75
100
125
150
Amibant Temperature(
)
Fig 4 Typical Reverse Leakage
0
1
10
100
Number of Cycles at 60Hz
1
10
Fig.3 Typical Instantaneous Forward
Characteristics
1
10
Fig.4 Typical Reverse Leakage
Characteristics
Tj=125
Tj=75
0.01
0.1
0.6
0.9
1.2
1.5
1.8
Instantaneous Forward Voltage(V)
0.01
0.1
0%
20%
40%
60%
80%
100%
Percent or Rated Peak Reverse Voltage (%)
Tj=25
Tj=25
Pulse With=300S
1%Duty Cycle
RATING AND CHARACTERISTICS CURVES (UMB05F THRU UMB10F)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com