Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DP0877 Datasheet(PDF) 1 Page - DAICO Industries, Inc.

Part # DP0877
Description  3 Section Phase Shifter / Amplifier/ Switch
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.

DP0877 Datasheet(HTML) 1 Page - DAICO Industries, Inc.

  DP0877 Datasheet HTML 1Page - DAICO Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Parameter
Min Typ
Max Units
Conditions
Operating Frequency
1300
1700
MHz
DC Current
1000
mA
At +15 VDC Supply
200
mA
At +5 VDC Supply
100
mA
At -5 VDC Supply
Control Type
ECL
For Phase Shifter
TTL
For Blanking Switch
Insertion Gain
18
dB
Balance
±1.0
dB
Between Outputs
Noise Figure
10
dB
Isolation
45
dB
Input to Outputs
20
dB
Between Outputs
Phase Shift
LSB
45
DEG
Range
0
315
DEG
45, 90, 180
Accuracy
±5.0
DEG
VSWR
2.0/1
Impedance
50
OHMS
Switching Speed
300
nSe c
50% TTL to 10% / 90% RF
RF Power
Operate
+20
dBm
1.0 dB Compression
No Damage
+15
dBm
Operating Temperature
0
+25
+71
°CTA
Rev. N/D / Iss. 1
MODEL NO.
DP0877
3 Section Phase Shifter /
Amplifier / Switch
FEAT URES
1300 - 1700 MHz
45° LSB, 315° Range
±1.0 dB Balance between Outputs
+20 dBm Output Compression
Molybdenum Case for Heat Transfer
MFD
GUARANTEED PERFORMANCE
DA I C O
I ndustries
Integrated GaAs FET Amplifiers, MMIC SPST
Blanking Switch, Passive Power Divider,
3 Section Phase Shifter, and
TTL and ECL Drivers/Control
Advanced
Release
.23
.08 TYP
.010 TYP
COLOR BEAD
CONTRASTING
IDENTIFICATION
PART
.200 TYP
.50 TYP
1.57
.015 TYP
1.99
20
11
10
1
.xx = .02
.xxx = .010
PHASE
SHIFTER
180°
90°
45°
AMP
OUTPUT
2
RF
Blanking
Switch
AMP
OUTPUT
1
RF
SPLITER
AMP
LINE
TERMINATION
ECL LINE
RECEIVERS
PHASE SHIFTER SUBSECTION MIC
LO BLANK
13
INPUT
10
PH0 3
PH0 4
PH1 5
PH1 6
PH2 7
PH2 8


Similar Part No. - DP0877

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
DP0881 DAICO-DP0881 Datasheet
26Kb / 1P
GAAS 1 SECTION PHASE SHIFTER
DP0891 DAICO-DP0891 Datasheet
32Kb / 1P
GAAS 5 SECTION PHASE SHIFTER
More results

Similar Description - DP0877

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
DP0921 DAICO-DP0921 Datasheet
30Kb / 1P
Phase Shifter 6 Section
CPS42126 DAICO-CPS42126 Datasheet
184Kb / 1P
Phase Shifter 4 Section
CPS42127 DAICO-CPS42127 Datasheet
176Kb / 1P
Phase Shifter 4 Section
CPS49092 DAICO-CPS49092 Datasheet
194Kb / 1P
Phase Shifter 4 Section
CPS49093 DAICO-CPS49093 Datasheet
213Kb / 1P
Phase Shifter, 4 Section
DP0560 DAICO-DP0560 Datasheet
26Kb / 1P
Phase Shifter, 3 Section
DPS38017 DAICO-DPS38017 Datasheet
25Kb / 1P
3 Section Phase Shifter
DPS42028 DAICO-DPS42028 Datasheet
169Kb / 1P
Phase Shifter 4 Section
DPS42029 DAICO-DPS42029 Datasheet
175Kb / 1P
Phase Shifter 4 Section
DPS89032 DAICO-DPS89032 Datasheet
167Kb / 1P
Phase Shifter 8 Section
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com